Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1261CS Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1261CS
Description  Switched Capacitor Regulated Voltage Inverter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1261CS Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1261CS Datasheet HTML 8Page - Linear Technology LTC1261CS Datasheet HTML 9Page - Linear Technology LTC1261CS Datasheet HTML 10Page - Linear Technology LTC1261CS Datasheet HTML 11Page - Linear Technology LTC1261CS Datasheet HTML 12Page - Linear Technology LTC1261CS Datasheet HTML 13Page - Linear Technology LTC1261CS Datasheet HTML 14Page - Linear Technology LTC1261CS Datasheet HTML 15Page - Linear Technology LTC1261CS Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC1261
© LINEAR TECHNOLOGY CORPORATION 1994
1261fa LT/TP 0198 REV A 4K • PRINTED IN USA
TYPICAL APPLICATION
1
2
3
4
8
7
6
5
SHDN
REG
OUT
ADJ
VCC
C1+
C2–
GND
100pF
LTC1261 • TA08
–0.5V BIAS
±5.5%
10k
P-CHANNEL
POWER SWITCH
0.1
µF
SHUTDOWN
5V
VBAT
3.3
µF
LTC1261
GaAs
TRANSMITTER
42.2k
12.4k
1
µF
5V Input, – 0.5V Output GaAs FET Bias Generator
PART NUMBER
DESCRIPTION
COMMENTS
LTC1550/LTC1551
Low Noise Switched Capacitor Regulated Voltage Inverter
GaAs FET Bias with Linear Regulator 1mV Ripple
LTC1429
Clock Synchronized Switched Capacitor Regulated Voltage Inverter
GaAs FET Bias
LT1121
Micropower Low Dropout Regulators with Shutdown
0.4V Dropout Voltage at 150mA, Low Noise,
Switched Capacitor Regulated Voltage Inverter
RELATED PARTS
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com