Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1261CS Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1261CS
Description  Switched Capacitor Regulated Voltage Inverter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1261CS Datasheet(HTML) 5 Page - Linear Technology

  LTC1261CS Datasheet HTML 1Page - Linear Technology LTC1261CS Datasheet HTML 2Page - Linear Technology LTC1261CS Datasheet HTML 3Page - Linear Technology LTC1261CS Datasheet HTML 4Page - Linear Technology LTC1261CS Datasheet HTML 5Page - Linear Technology LTC1261CS Datasheet HTML 6Page - Linear Technology LTC1261CS Datasheet HTML 7Page - Linear Technology LTC1261CS Datasheet HTML 8Page - Linear Technology LTC1261CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC1261
PIN FUNCTIONS
Pin numbers are shown as (LTC1261CS/LTC1261CS8).
NC (Pin 1/NA): No Internal Connection.
C1+ (Pin 2/ Pin 2): C1 Positive Input. Connect a 0.1
µF
capacitor between C1+ and C1–. With the LTC1261CS in
doubler mode, connect a 0.1
µF capacitor from C1+ to
C2 –.
C1– (Pin 3/Pin 3): C1 Negative Input. Connect a 0.1
µF
capacitor from C1+ to C1–. With the LTC1261CS in
doubler mode only, C1– should float.
C2 + (Pin 4/NA): C2 Positive Input. In tripler mode con-
nect a 0.1
µF capacitor from C2+ to C2–. This pin is used
with the LTC1261CS in tripler mode only; in doubler
mode this pin should float.
C2 – (Pin 5/NA): C2 Negative Input. In tripler mode
connect a 0.1
µF capacitor from C2+ to C2 –. In doubler
mode connect a 0.1
µF capacitor from C1+ to C2–.
GND (Pin 6/Pin 4): Ground. Connect to a low impedance
ground. A ground plane will help to minimize regulation
errors.
R0 (Pin 7/NA): Internal Resistor String, 1st Tap. See
Table 2 in the Applications Information section for infor-
mation on internal resistor string pin connections vs
output voltage.
R1 (Pin 8/NA): Internal Resistor String, 2nd Tap.
RADJ (Pin 9/NA): Internal Resistor String Output. Con-
nect this pin to ADJ to use the internal resistor divider.
See Table 2 in the Applications Information section for
information on internal resistor string pin connections vs
output voltage.
ADJ (COMP for fixed versions) (Pin 10/Pin 5): Output
Adjust/Compensation Pin. For adjustable parts this pin is
used to set the output voltage. The output voltage should
be divided down with a resistor divider and fed back to
this pin to set the regulated output voltage. The resistor
divider can be external or the internal divider string can
be used if it can provide the required output voltage.
Typically the resistor string should draw
≥10µA from the
output to minimize errors due to the bias current at the
adjust pin. Fixed output parts have the internal resistor
string connected to this pin inside the package. The pin
can be used to trim the output voltage if desired. It can
also be used as an optional feedback compensation pin
to reduce output ripple on both adjustable and fixed
output voltage parts. See Applications Information sec-
tion for more information on compensation and output
ripple.
OUT (Pin 11/Pin 6): Negative Voltage Output. This pin
must be bypassed to ground with a 1
µF or larger capaci-
tor; it must be at least 3.3
µF to provide specified output
ripple. The size of the output capacitor has a strong effect
on output ripple. See the Applications Information sec-
tion for more details.
REG (Pin 12/Pin 7): This is an open drain output that pulls
low when the output voltage is within 5% of the set value.
It will sink 8mA to ground with a 5V supply. The external
circuitry must provide a pull-up or REG will not swing
high. The voltage at REG may exceed VCC and can be
pulled up to 12V above ground without damage.
SHDN (Pin 13/Pin 8): Shutdown. When this pin is at
ground the LTC1261 operates normally. An internal 5
µA
pull-down keeps SHDN low if it is left floating. When
SHDN is pulled high, the LTC1261 enters shutdown
mode. In shutdown the charge pump stops, the output
collapses to 0V and the quiescent current drops to 5
µA
typically.
VCC (Pin 14/Pin 1): Power Supply. This requires an input
voltage between 3V and 6.5V. Certain combinations of
output voltage and operating mode may place additional
restrictions on the input voltage. VCC must be bypassed
to ground with at least a 0.1
µF capacitor placed in close
proximity to the chip. See the Applications Information
section for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com