Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1261CS Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1261CS
Description  Switched Capacitor Regulated Voltage Inverter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1261CS Datasheet(HTML) 3 Page - Linear Technology

  LTC1261CS Datasheet HTML 1Page - Linear Technology LTC1261CS Datasheet HTML 2Page - Linear Technology LTC1261CS Datasheet HTML 3Page - Linear Technology LTC1261CS Datasheet HTML 4Page - Linear Technology LTC1261CS Datasheet HTML 5Page - Linear Technology LTC1261CS Datasheet HTML 6Page - Linear Technology LTC1261CS Datasheet HTML 7Page - Linear Technology LTC1261CS Datasheet HTML 8Page - Linear Technology LTC1261CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC1261
ELECTRICAL C
C
HARA TERISTICS
0
°C ≤ T
A ≤ 70°C– 40°C ≤ TA ≤ 85°C
(Note 7)
SYMBOL PARAMETER
CONDITIONS (Note 2)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
∆VOUT
Output Regulation
– 1.24V
≥ VOUT ≥ –4V, 0 ≤ IOUT ≤ 8mA
q
15
%
(Note 2)
– 1.24V
≥ VOUT ≥ –4V, 0 ≤ IOUT ≤ 7mA
q
15
%
– 4V
≥ VOUT ≥ –5V, 0 ≤ IOUT ≤ 8mA (Note 6)
2
2
%
ISC
Output Short-Circuit Current
VOUT = 0V
q
60
125
60
125
mA
VRIP
Output Ripple Voltage
IOUT = 5mA, VOUT = – 4V
5
5
mV
Doubler Mode. VCC = 5V ±10%, C1 = 0.1µF, C2 = 0 (Note 4), COUT = 3.3µF unless otherwise specified.
LTC1261CS Only. Tripler Mode. VCC = 2.7V, C1 = C2 = 0.1µF (Note 4), COUT = 3.3µF unless otherwise specified.
0
°C ≤ TA ≤ 70°C–40°C ≤ TA ≤ 85°C
(Note 7)
SYMBOL PARAMETER
CONDITIONS (Note 2)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
∆VOUT
Output Regulation
– 1.24V
≥ VOUT ≥ –4V, 0 ≤ IOUT ≤ 5mA
q
15
1
5
%
ISC
Output Short-Circuit Current
VOUT = 0V
q
60
125
60
125
mA
VRIP
Output Ripple Voltage
IOUT = 5mA, VOUT = – 4V
5
5
mV
0
°C ≤ TA ≤ 70°C–40°C ≤ TA ≤ 85°C
(Note 7)
SYMBOL PARAMETER
CONDITIONS (Note 2)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
∆VOUT
Output Regulation
– 1.24V
≥ VOUT ≥ –4.5V, 0 ≤ IOUT ≤ 6mA
q
15
1
5
%
(Note 2)
– 4.5V
≥ VOUT ≥ –5V, 0 ≤ IOUT ≤ 3.5mA
q
25
2
%
ISC
Output Short-Circuit Current
VOUT = 0V
q
35
75
35
75
mA
VRIP
Output Ripple Voltage
IOUT = 5mA, VOUT = – 4V
5
5
mV
0
°C ≤ T
A ≤ 70°C– 40°C ≤ TA ≤ 85°C
(Note 7)
SYMBOL PARAMETER
CONDITIONS (Note 2)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
∆VOUT
Output Regulation
– 1.24V
≥ VOUT ≥ –4V, 0 ≤ IOUT ≤ 12mA
q
15
1
5
%
– 4V
≥ VOUT ≥ –5V, 0 ≤ IOUT ≤ 10mA
q
25
2
5
%
ISC
Output Short-Circuit Current
VOUT = 0V
q
35
75
35
75
mA
VRIP
Output Ripple Voltage
IOUT = 5mA, VOUT = – 4V
5
5
mV
LTC1261CS Only. Tripler Mode. VCC = 5V ±10%, C1 = C2 = 0.1µF (Note 4), COUT = 3.3µF unless otherwise specified.
LTC1261CS Only. Tripler Mode. VCC = 3.3V ±10%, C1 = C2 = 0.1µF (Note 4), COUT = 3.3µF unless otherwise specified.
to C2 – with C1 – and C2 + floating. For the LTC1261CS8 in doubler mode,
C1 connects from C1+ to C1 –; there are no C2 pins.
Note 5: Setting output to < – 7V will exceed the absolute voltage maximum
rating with a 5V supply. With supplies higher than 5V, the output should
never be set to exceed VCC – 12V.
Note 6: For output voltages below – 4.5V the LTC1261 may reach 50%
duty cycle and fall out of regulation with heavy load or low input voltages.
Beyond this point, the output will follow the input with no regulation.
Note 7: C grade device specifications are guaranteed over the 0
°C to 70°C
temperature range. In addition, C grade device specifications are assured
over the –40
°C to 85°C temperature range by design or correlation, but
are not production tested.
The q denotes specifications which apply over the full operating
temperature range.
Note 1: The Absolute Maximum Ratings are those values beyond which
the life of a device may be impaired.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to ground unless otherwise
specified.
Note 3: All typicals are given at TA = 25°C.
Note 4: C1 = C2 = 0.1
µF means the specifications apply to tripler mode
where VCC – VOUT = 3VCC (LTC1261CS only; the LTC1261CS8 cannot be
connected in tripler mode) with C1 connected between C1+ and C1 – and
C2 connected between C2 + and C2 –. C2 = 0 implies doubler mode where
VCC – VOUT = 2VCC; for the LTC1261CS this means C1 connects from C1
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com