Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1264CS Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1264CS
Description  High Speed, Quad Universal Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1264CS Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1264CS Datasheet HTML 4Page - Linear Technology LTC1264CS Datasheet HTML 5Page - Linear Technology LTC1264CS Datasheet HTML 6Page - Linear Technology LTC1264CS Datasheet HTML 7Page - Linear Technology LTC1264CS Datasheet HTML 8Page - Linear Technology LTC1264CS Datasheet HTML 9Page - Linear Technology LTC1264CS Datasheet HTML 10Page - Linear Technology LTC1264CS Datasheet HTML 11Page - Linear Technology LTC1264CS Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LTC1264
ODES OF OPERATIO
tors RH and RL to create a notch. This is shown in Figure
8. Mode 3a is more versatile than Mode 2 because the
notch frequency can be higher or lower than the center
frequency of the 2nd order section. The external op amp
of Figure 8 is not always required. When cascading the
sections of the LTC1264, the highpass and lowpass
outputs can be summed directly into the inverting input of
the next section.
Please refer to the Maximum Frequency of Operation
paragraph under Applications Information for a guide to
the use of capacitor CC.
Mode 2n
This mode extends the circuit topology of Mode 3a to
Mode 2 (Figure 9) where the highpass notch and lowpass
outputs are summed through two external resistors RH
and RL to create a lowpass output with a notch higher in
frequency than the notch in Mode 2. This mode, shown in
Figure 8, is most useful in lowpass elliptic designs. When
cascading the sections of the LTC1264, the highpass
notch and lowpass outputs can be summed directly into
the inverting input of the next section.
Please refer to the Maximum Frequency of Operation
paragraph under Applications Information for a guide to
the use of capacitor CC.
Figure 7. Mode 2, 2nd Order Filter Providing
Highpass Notch, Bandpass and Lowpass Outputs
–
+
Σ
∫
∫
AGND
R1
N
BP
LP
VIN
1264 F07
+
–
S
1/4 LTC1264
R2
R3
CC
R4
fi =
; fO = fi
; fn = fO
fCLK
20
√ R2
R4
1 +
Q = 1.005
R3
R2
( )√ R2
R4
1 +
R3
6.42•R4
(
)
1
1 –
HOHP = –
(AC GAIN, f > fn); HOHPn = –
R2
R1
R2
R1
1
R2
R4
1 +
( ) (DCGAIN,f<fn)
HOBP = –
R3
R1
R3
6.42•R4
(
)
1
1 –
; HOLP = HOHPn
Mode 3a
This is an extension of Mode 3 where the highpass and
lowpass output are summed through two external resis-
Figure 8. Mode 3a, 2nd Order Filter Providing a Highpass Notch or Lowpass Notch Output
–
+
Σ
∫
∫
AGND
R1
HP
BP
LP
VIN
1264 G08
+
–
S
R2
R3
R4
CC
–
+
EXTERNAL OP AMP OR
INPUT OP AMP OF THE
LTC1264, SIDES A, B, C, D
HIGHPASS
OR LOWPASS
NOTCH OUTPUT
RG
RL
RH
1/4 LTC1264
R2
R1
( )
RG
RH
()
fi =
; fn = fi
; fO = fi
HOHPn (f = ∞) =
; HOLPn (f = 0) =
fCLK
20
√RH
RL
√R2
R4
Q = 1.005
R3
R2
√R2
R4
R3
6.42•R4
(
)
1
1 –
( )
R4
R1
( )
RG
RL
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com