Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1264CS Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1264CS
Description  High Speed, Quad Universal Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1264CS Datasheet(HTML) 4 Page - Linear Technology

  LTC1264CS Datasheet HTML 1Page - Linear Technology LTC1264CS Datasheet HTML 2Page - Linear Technology LTC1264CS Datasheet HTML 3Page - Linear Technology LTC1264CS Datasheet HTML 4Page - Linear Technology LTC1264CS Datasheet HTML 5Page - Linear Technology LTC1264CS Datasheet HTML 6Page - Linear Technology LTC1264CS Datasheet HTML 7Page - Linear Technology LTC1264CS Datasheet HTML 8Page - Linear Technology LTC1264CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC1264
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
CLOCK FREQUENCY (MHz)
2.0
5
4
3
2
1
0
3.6
1264 G04
2.4
2.8
3.2
4.0
MODE 1
Q = 2
TA = 25°C
VS = ±5V
VS = ±7.5V
Typical Bandpass Gain Error
vs Clock Frequency
Typical Bandpass Gain Error
vs Clock Frequency
Typical Bandpass Gain Error
vs Clock Frequency
Noise vs R2/R4 Ratio
CLOCK FREQUENCY (MHz)
1.3
5
4
3
2
1
0
1.7
1264 G06
1.4
1,5
1.6
1.8
MODE 1
VS = SINGLE 5V
TA = 25°C
1.9
2.0
Q = 4
Q = 2
Ratio (fCLK/fO) vs
Clock Frequency
CLOCK FREQUENCY (MHz)
1
20.5
20.4
20.3
20.2
20.1
20.0
19.9
19.8
19.7
19.6
19.5
4
1264 G11
23
Q = 2
Q = 10
BANDPASS OUT
MODE 1
VS = ±7.5V
Q = 4
RESISTOR RATIO (R2/R4)
0
600
500
400
300
200
100
0
0.2
0.4
0.6
0.8
1264 G12
1.0
MODE 3
VS = ±7.5V
Q = 2
fO =
fCLK
R2
20
R4
√
Power Supply Current
vs Supply Voltage
POWER SUPPLY VOLTAGE (V+ – V–)
0
48
44
40
36
32
28
24
20
16
12
8
4
0
2
6
12
16
1264 G14
20
4
8
10
14
18
22 24
–55°C
25°C
125°C
CLOCK FREQUENCY (MHz)
2.0
5
4
3
2
1
0
3.6
1264 G05
2.4
2.8
3.2
4.0
MODE 1
Q = 4
TA = 25°C
VS = ±5V
VS = ±7.5V
CLOCK FREQUENCY (MHz)
1
5
4
3
2
1
0
4
1264 G15
23
MODE 3
Q = 4
TA = 25°C
VS = SINGLE 5V
VS = ±5V
VS = ±7.5V
Typical Bandpass Gain Error
vs Clock Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com