Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1264CS Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1264CS
Description  High Speed, Quad Universal Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1264CS Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1264CS Datasheet HTML 8Page - Linear Technology LTC1264CS Datasheet HTML 9Page - Linear Technology LTC1264CS Datasheet HTML 10Page - Linear Technology LTC1264CS Datasheet HTML 11Page - Linear Technology LTC1264CS Datasheet HTML 12Page - Linear Technology LTC1264CS Datasheet HTML 13Page - Linear Technology LTC1264CS Datasheet HTML 14Page - Linear Technology LTC1264CS Datasheet HTML 15Page - Linear Technology LTC1264CS Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC1264
S
APPLICATI
TYPICAL
Clock-Tunable, fCENTER = fCLK/20, 100kHz, 4th Order Bandpass and Notch Filters
Linear Phase Clock-Tunable to 400kHz, Dual 4th Order Lowpass Filter
FREQUENCY (Hz)
10k
0
–10
–20
–30
–40
–50
–60
–70
–80
100k
1M
1264 TA04b
Gain vs Frequency
FREQUENCY (Hz)
10k
10
0
–10
–20
–30
–40
–50
–60
–70
–80
100k
1M
1264 TA05b
VS = ±7.5V
fCLK = 2MHz
Gain vs Frequency
1264 TA04a
fCLK
2MHz
3MHz
4MHz
5MHz
f–3dB (VS = ±8V)
125kHz
200kHz
275kHz
400kHz
R2
IN 1
OUT 2
INV B
HPB/NB
BPB
LPB
SB
AGND
V+
SA
LPA
BPA
HPA/NA
INV A
INV C
HPC/NC
BPC
LPC
SC
V–
CLK
SD
LPD
BPD
HPD/ND
INV D
R3
R2
R4
R1
LTC1264
8V
–8V
R4
R3
R2
R3
R4
C
0.1
µF
fCLK
R4
R3
R2
R1
OUT 1
C
R1
IN 2
R1
0.1
µF
LTC1264 SIDE
MODE
R1
R2
R3
R4
C
B
2
17.8k
27.4k
19.6k
51.1k
5pF
C
2
20k
27.4k
21k
75k
5pF
A
2
17.8k
27.4k
19.6k
51.1k
5pF
D
2
20k
27.4k
21k
75k
5pF
C
C
TA ≤ 50°C
R2
R1
BANDPASS IN
1264 TA05a
NOTCH OUT
INV B
HPB/NB
BPB
LPB
SB
AGND
V+
SA
LPA
BPA
HPA/NA
INV A
INV C
HPC/NC
BPC
LPC
SC
V–
CLK
SD
LPD
BPD
HPD/ND
INV D
R3
R1
R2
R3
R1
LTC1264
0.1
µF
0.1
µF
7.5V
C
BANDPASS OUT
–7.5V
fCLK
2MHz
C
R2
R3
R2
R3
R1
NOTCH IN
B
1
20k
10k
20k
C
1
20k
10k
20k
A
1
10k
10k
20k
10pF
D
1
10k
10k
20k
10pF
LTC1264 SIDE
MODE
R1
R2
R3
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com