Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1264CS Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1264CS
Description  High Speed, Quad Universal Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1264CS Datasheet(HTML) 2 Page - Linear Technology

  LTC1264CS Datasheet HTML 1Page - Linear Technology LTC1264CS Datasheet HTML 2Page - Linear Technology LTC1264CS Datasheet HTML 3Page - Linear Technology LTC1264CS Datasheet HTML 4Page - Linear Technology LTC1264CS Datasheet HTML 5Page - Linear Technology LTC1264CS Datasheet HTML 6Page - Linear Technology LTC1264CS Datasheet HTML 7Page - Linear Technology LTC1264CS Datasheet HTML 8Page - Linear Technology LTC1264CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC1264
A
G
A
U
A
R
BSOLUTEXI
TI
S
PACKAGE/ORDER I FOR ATIO
Total Supply Voltage (V+ to V–) .............................. 16V
Input Voltage (Note 2) ........... (V+ + 0.3V) to (V– – 0.3V)
Output Short-Circuit Duration .......................... Indefinite
Power Dissipation ............................................. 400mW
Burn-In Voltage ...................................................... 16V
Operating Temperature Range ............... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
LTC1264CN
LTC1264CS
ELECTRICAL C
C
HARA TERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Range
±2.375
±8V
Voltage Swings
VS = ±2.375V, RL = 5k
±1.5
V
VS = ±5V, RL = 5k
±3.2
±3.7
V
q
±3.1
V
VS = ±7.5, RL = 5k
±6V
Output Short-Circuit Current (Source/Sink)
3mA
DC Open-Loop Gain
80
dB
GBW Product
7
MHz
Slew Rate
10
V/
µs
(Internal Op Amps) TA = 25°C, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Center Frequency Range, fO (Note 1)
VS = ±7.5V, TA < 85°C, Q < 2
0.1 - 250
kHz
VS = ±5V, TA < 85°C, Q < 2
0.1 - 200
kHz
VS = ±2.5V, TA < 85°C, Q < 2
0.1 - 100
kHz
Clock-to-Center Frequency Ratio, fCLK/fO
20:1
Center Frequency Error (Note 3)
VS = ±7.5V
±0.1
± 0.7
%
q
±0.8
%
VS = ±5V
±0.2
±0.8
%
q
±1.0
%
VS = ±2.375V
– 1.6
%
Clock-to-Center Frequency Ratio,
VS ≥ ±5V
0.4
0.8
%
Side-to-Side Matching
q
1.0
%
Q Accuracy
VS = ±5V
– 2.7
%
q
7.0
%
fO Temperature Coefficient
fCLK < 2MHz
±1
ppm/
°C
Q Temperature Coefficient
fCLK < 2MHz
5
ppm/
°C
(Complete Filter) VS = ±5V, fCLK = 1MHz, all sides mode 1, fO = 50kHz, Q = 5, TA = 25°C, unless otherwise noted.
TJMAX = 110°C, θJA = 65°C/W (N)
TJMAX = 110°C, θJA = 85°C/W (S)
Consult factory for Industrial and Military grade parts.
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
24
23
22
21
20
19
18
17
16
15
14
13
INV B
HPB/NB
BPB
LPB
SB
AGND
V+
SA
LPA
BPA
HPA/NA
INV A
INV C
HPC/NC
BPC
LPC
SC
V–
CLK
SD
LPD
BPD
HPD/ND
INV D
N PACKAGE
24-LEAD PLASTIC DIP
S PACKAGE
24-LEAD PLASTIC SOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com