Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1265CS Datasheet(PDF) 15 Page - Linear Technology

Part # LTC1265CS
Description  1.2A, High Efficiency Step-Down DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1265CS Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC1265CS Datasheet HTML 8Page - Linear Technology LTC1265CS Datasheet HTML 9Page - Linear Technology LTC1265CS Datasheet HTML 10Page - Linear Technology LTC1265CS Datasheet HTML 11Page - Linear Technology LTC1265CS Datasheet HTML 12Page - Linear Technology LTC1265CS Datasheet HTML 13Page - Linear Technology LTC1265CS Datasheet HTML 14Page - Linear Technology LTC1265CS Datasheet HTML 15Page - Linear Technology LTC1265CS Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
LTC1265/LTC1265-3.3/LTC1265-5
TYPICAL APPLICATIONS
2.5mm Max Height 5V-to-3.3V (500mA)
Logic Selectable 0V/3.3V/5V 700mA Regulator
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
L1
††
18
µH
VIN
3.5V TO 12.5V
PWR VIN
VIN
LTC1265-3.3
SW
PGND
SGND
SHDN
SHDN
1000pF
3300pF
N/C
SENSE+
4
3
5
6
7
14
2
1, 13
12
MBRS0520LT1
11
10
9
8
LBIN
LBOUT
CT
ITHR
SENSE –
LTC1265 TA06
AVX TAJB156K010
AVX TAJB226K06
IRC LRC2010-01-R200-J
SUMIDA CLS62-180
*
**
†
††
51pF
0.1
µF
CIN*
15
µF
10V
× 2
COUT**
22
µF
6.3V
× 2
VOUT
3.3V
500mA
RSENSE
†
0.20
Ω
1k
+
L1
††
33
µH
45.3k
75k
VIN
3.5V TO 12.5V
PWR VIN
VIN
LTC1265
SW
PGND
SGND
SHDN
VSHDN
†††
1000pF
3300pF
100pF
VFB
SENSE+
4
3
5
6
7
14
21, 13
12
MBRS130LT3
11
10
9
8
LBIN
LBOUT
CT
ITHR
SENSE –
LTC1265 TA07
DALE 593D68X0020E2W
DALE 593D107X0010D2W
IRC LRC2010-01-R15-J
L1 SELECTION
*
**
†
††
75pF
0.1
µF
CIN*
68
µF
20V
COUT**
100
µF
10V
VOUT
0V/3.3V/5V
700mA
RSENSE
†
0.15
Ω
0V: VOUT = 5V
5V: VOUT = 3.3V
56.2k
MANUFACTURER
COILCRAFT
COILTRONICS
DALE
SUMIDA
PART NO.
DO3316-333
CTX33-4
LPT4545-330LA
CD74-330
†††VSHDN = 0V: VOUT = 3.3V/5V
= 5V: VOUT = 0V
1k
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com