Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1265CS Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1265CS
Description  1.2A, High Efficiency Step-Down DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1265CS Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1265CS Datasheet HTML 2Page - Linear Technology LTC1265CS Datasheet HTML 3Page - Linear Technology LTC1265CS Datasheet HTML 4Page - Linear Technology LTC1265CS Datasheet HTML 5Page - Linear Technology LTC1265CS Datasheet HTML 6Page - Linear Technology LTC1265CS Datasheet HTML 7Page - Linear Technology LTC1265CS Datasheet HTML 8Page - Linear Technology LTC1265CS Datasheet HTML 9Page - Linear Technology LTC1265CS Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1265/LTC1265-3.3/LTC1265-5
OPERATION
capacitor discharges past VTH1 until its voltage drops
below VTH2. Comparator S then trips and a sleep signal is
generated. The circuit now enters into sleep mode with the
power MOSFET turned off. In sleep mode, the LTC1265 is
in standby and the load current is supplied by the output
capacitor. All unused circuitry is shut off, reducing quies-
cent current from 2mA to 160
µA. When the output capaci-
tor discharges by the amount of the hysteresis of the
comparator V, the P-channel switch turns on again and the
process repeats itself. During Burst Mode operation the
peak inductor current is set at 25mV/RSENSE.
To avoid the operation of the current loop interfering with
Burst Mode operation, a built-in offset VOS is incorporated
in the gain stage. This prevents the current from increas-
ing until the output voltage has dropped below a minimum
threshold.
Using constant off-time architecture, the operating fre-
quency is a function of the voltage. To minimize the
frequency variation as dropout is approached, the off-time
controller increases the discharge current as VIN drops
below VOUT + 2V. In dropout the P-channel MOSFET is
turned on continuously (100% duty cycle) providing low
dropout operation with VOUT ≅ VIN.
The basic LTC1265 application circuit is shown in
Figure 1. External component selection is driven by the
load requirement, and begins with the selection of RSENSE.
Once RSENSE is known, CT and L can be chosen. Next, the
Schottky diode D1 is selected followed by CIN and COUT.
RSENSE Selection for Output Current
RSENSE is chosen based on the required output current.
With the current comparator monitoring the voltage devel-
oped across RSENSE, the threshold of the comparator
determines the peak inductor current. Depending on the
load current condition, the threshold of the comparator
lies between 25mV/RSENSE and 150mV/RSENSE. The maxi-
mum output current of the LTC1265 is:
IOUT(MAX) =
150mV
RSENSE
IRIPPLE
2
–
(Amps)
where IRIPPLE is the peak-to-peak inductor ripple current.
At a relatively light load, the LTC1265 is in Burst Mode
operation. In this mode the peak inductor current is set at
25mV/RSENSE. To fully benefit from Burst Mode operation,
the inductor current should be continuous during burst
periods. Hence, the peak-to-peak inductor ripple current
must not exceed 25mV/RSENSE.
To account for light and heavy load conditions, the IOUT(MAX)
is then given by:
IOUT(MAX) =
150mV
RSENSE
25mV
2 • RSENSE
137.5mV
RSENSE
–
=
(Amps)
(Amps)
Solving for RSENSE and allowing a margin of variations in
the LTC1265 and extended component values yields:
RSENSE =
100mV
IOUT(MAX)
(
Ω)
The LTC1265 is rated with a capability to supply a maximum
of 1.2A of output current.
Therefore, the minimum value of
RSENSE that can be used is 0.083Ω. A graph for selecting
RSENSE versus maximum output is given in Figure 2.
APPLICATIONS INFORMATION
Figure 2. Selecting RSENSE
(Refer to Functional Diagram)
MAXIMUM OUTPUT CURRENT (A)
0
0.3
0.4
0.5
0.8
1265 G10
0.2
0.1
0
0.2
0.4
0.6
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com