Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1265CS Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1265CS
Description  1.2A, High Efficiency Step-Down DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1265CS Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1265CS Datasheet HTML 3Page - Linear Technology LTC1265CS Datasheet HTML 4Page - Linear Technology LTC1265CS Datasheet HTML 5Page - Linear Technology LTC1265CS Datasheet HTML 6Page - Linear Technology LTC1265CS Datasheet HTML 7Page - Linear Technology LTC1265CS Datasheet HTML 8Page - Linear Technology LTC1265CS Datasheet HTML 9Page - Linear Technology LTC1265CS Datasheet HTML 10Page - Linear Technology LTC1265CS Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LTC1265/LTC1265-3.3/LTC1265-5
APPLICATIONS INFORMATION
Kool M
µ is a registered trademark of Magnetics, Inc.
Under short-circuit condition, the peak inductor current is
determined by:
ISC(PK) =
150mV
RSENSE
(Amps)
In this condition, the LTC1265 automatically extends the
off time of the P-channel MOSFET to allow the inductor
current to decay far enough to prevent any current build-
up. The resulting ripple current causes the average short-
circuit current to be approximately IOUT(MAX).
CT and L Selection for Operating Frequency
The LTC1265 uses a constant off-time architecture with
tOFF determined by an external capacitor CT. Each time the
P-channel MOSFET turns on, the voltage on CT is reset to
approximately 3.3V. During the off time, CT is discharged
by a current that is proportional to VOUT. The voltage on CT
is analogous to the current in inductor L, which likewise,
decays at a rate proportional to VOUT. Thus the inductor
value must track the timing capacitor value.
The value of CT is calculated from the desired continuous
mode operating frequency:
CT =
1
1.3(104)f
VIN – VOUT
VIN + VD
(Farads)
)
)
where VD is the drop across the Schottky diode.
As the operating frequency is increased, the gate charge
losses will reduce efficiency. The complete expression for
operating frequency is given by:
f
≈
1
tOFF
VIN – VOUT
VIN + VD
(Hz)
)
)
where:
tOFF = 1.3(104)CT
VREG
VOUT
(sec)
)
)
VREG is the desired output voltage (i.e. 5V, 3.3V). VOUT is
the measured output voltage. Thus VREG/VOUT = 1
in regulation.
Note that as VIN decreases, the frequency decreases.
When the input-to-output voltage differential drops below
2V, the LTC1265 reduces tOFF by increasing the discharge
current in CT. This prevents audible operation prior to
dropout. (See shelving effect shown in the Operating
Frequency curve under Typical Performance Character-
istics.)
To maintain continuous inductor current at light load, the
inductor must be chosen to provide no more than 25mV/
RSENSE of peak-to-peak ripple current. This results in the
following expression for L:
L
≥ 5.2(105)RSENSE(CT)VREG
Using an inductance smaller than the above value will
result in the inductor current being discontinuous. A
consequence of this is that the LTC1265 will delay entering
Burst Mode operation and efficiency will be degraded at
low currents.
Inductor Core Selection
With the value of L selected, the type of inductor must be
chosen. Basically, there are two kinds of losses in an
inductor; core and copper losses.
Core losses are dependent on the peak-to-peak ripple
current and core material. However it is independent of
the physical size of the core. By increasing the induc-
tance, the peak-to-peak inductor ripple current will de-
crease, therefore reducing core loss. Utilizing low core
loss material, such as molypermalloy or Kool M
µ® will
allow user to concentrate on reducing copper loss and
preventing saturation.
Although higher inductance reduces core loss, it in-
creases copper loss as it requires more windings. When
space is not at a premium, larger wire can be used to
reduce the wire resistance. This also prevents excessive
heat dissipation.
CATCH DIODE SELECTION
Losses in the catch diode depend on forward drop and
switching times. Therefore Schottky diodes are a good
choice for low drop and fast switching times.
The catch diode carries load current during the off time.
The average diode current is therefore dependent on the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com