Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1265CS Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1265CS
Description  1.2A, High Efficiency Step-Down DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1265CS Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1265CS Datasheet HTML 8Page - Linear Technology LTC1265CS Datasheet HTML 9Page - Linear Technology LTC1265CS Datasheet HTML 10Page - Linear Technology LTC1265CS Datasheet HTML 11Page - Linear Technology LTC1265CS Datasheet HTML 12Page - Linear Technology LTC1265CS Datasheet HTML 13Page - Linear Technology LTC1265CS Datasheet HTML 14Page - Linear Technology LTC1265CS Datasheet HTML 15Page - Linear Technology LTC1265CS Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC1265/LTC1265-3.3/LTC1265-5
TYPICAL APPLICATIONS
4-NiCad Battery Charger
©LINEAR TECHNOLOGY CORPORATION 1995
126535fa LT/TP 1299 2K REV A • PRINTED IN USA
PACKAGE DESCRIPTION Dimension in inches (millimeters) unless otherwise noted.
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1143
Dual Step-Down Switching Regulator Controller
Dual Version of LTC1147
LTC1147
Step-Down Switching Regulator Controller
Nonsynchronous, 8-Pin, VIN ≤ 16V
LTC1148HV
Step-Down Switching Regulator Controller
Synchronous, VIN ≤ 20V
LTC1174
Step-Down Switching Regulator with Internal 0.5A Switch
VIN ≤ 18.5V, Comparator/Low Battery Detector
LTC1474/LTC1475
Low Quiescent Current Step-Down Regulators
Monolithic, IQ = 40µA, 400mA, MS8
LTC1574
Step-Down Switching Regulator with Internal 0.5A Switch
VIN ≤ 18.5V, Comparator
and Schottky Diode
LTC1622
Low Input Voltage Step-Down DC/DC Controller
Constant Frequency, 2V to 10V VIN, MS8
LTC1627
Monolithic Synchronous Step-Down Switching Regulator
Constant Frequency, IOUT to 500mA, 2.65V to 8.5V VIN
LTC1772
Constant Frequency Step-Down DC/DC Controller
SOT-23, 2.2V to 9.8V VIN
L1
††
100
µH
30k
138k
VIN
8V TO 12.5V
PWR VIN
VIN
LTC1265
SW
PGND
SGND
SHDN
1000pF
3300pF
100pF
VFB
SENSE+
4
3
5
6
7
14
2
1, 13
12
MBRS130LT3
MBRS130LT3
11
10
9
8
LBIN
LBOUT
CT
ITHR
SENSE –
LTC1265 TA08
DALE 593D226X0025D2W
DALE 593D107X0016E2W
DALE WSL2010-0.10-1%
L1 SELECTION
*
**
†
††
270pF
0.1
µF
CIN*
22
µF, 25V
COUT**
100
µF
10V
VOUT
4 NICAD
1A FAST CHARGE
0.1A TRICKLE CHARGE
RSENSE
†
0.10
Ω
1k
MANUFACTURER
COILCRAFT
COILTRONICS
SUMIDA
PART NO.
DO3316-104
CTX100-4P
CD105-101
CHARGER
ON/OFF
VN2222L
51
Ω
FAST CHARGE: = 0V
TRICKLE CHARGE: > 2V
+
0.016 – 0.050
(0.406 – 1.270)
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
° – 8° TYP
0.008 – 0.010
(0.203 – 0.254)
S14 1298
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
TYP
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
BSC
1
2
3
4
0.150 – 0.157**
(3.810 – 3.988)
14
13
0.337 – 0.344*
(8.560 – 8.738)
0.228 – 0.244
(5.791 – 6.197)
12
11
10
9
5
6
7
8
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com