Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1347CS Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1347CS
Description  5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1347CS Datasheet(HTML) 4 Page - Linear Technology

  LTC1347CS Datasheet HTML 1Page - Linear Technology LTC1347CS Datasheet HTML 2Page - Linear Technology LTC1347CS Datasheet HTML 3Page - Linear Technology LTC1347CS Datasheet HTML 4Page - Linear Technology LTC1347CS Datasheet HTML 5Page - Linear Technology LTC1347CS Datasheet HTML 6Page - Linear Technology LTC1347CS Datasheet HTML 7Page - Linear Technology LTC1347CS Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LTC1347
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (°C)
0
60
20
16
14
12
10
8
6
4
2
0
1347 G04
20
70
10
30
40
50
3 DRIVERS LOADED
RL = 3k
1 DRIVER LOADED
RL = 3k
VCC Supply Current
TEMPERATURE (°C)
–40
0
4
8
10
12
40
20
1347 G06
6
080
14
16
18
–20
60
20
100
ISC
+
ISC
–
Driver Short-Circuit Current
TEMPERATURE (°C)
0
60
45
40
35
30
25
20
15
10
5
0
1347 G05
20
70
10
30
40
50
VOUT = –20V
VOUT = 20V
Driver Leakage in Shutdown
Receiver Short-Circuit Current
TEMPERATURE (°C)
–40
10
30
60
0
40
60
1347 G07
20
50
40
–20
20
80
100
ISC
–
ISC
+
Driver Output Waveforms
Receiver Output Waveforms
DRIVER
OUTPUT
RL = 3k
CL = 2500pF
1347 G08
1347 G09
RECEIVER
OUTPUT
CL = 51pF
INPUT
DRIVER
OUTPUT
RL = 3k
INPUT
PI FU CTIO S
VCC: 5V Input Supply Pin. Supply current is typically 80µA
in the Shutdown mode. This pin should be decoupled with
a 0.1
µF ceramic capacitor.
GND: Ground Pin.
ON/OFF: TTL/CMOS Compatible Shutdown Pin. A logic
low puts the device in the shutdown mode with all receiv-
ers kept alive, and the supply current is 80
µA. All driver
outputs are in high impedance state. This pin cannot float.
V +: Positive Supply Output (RS232 Drivers).
V+
≅ 2VCC – 1V. This pin requires an external capacitor C
= 0.1
µF for charge storage. The capacitor may be tied to
ground or VCC. With multiple devices, the V + and V – pins
may be paralleled into common capacitors. For large
numbers of devices, increasing the size of the shared
common storage capacitors is recommended to reduce
ripple.
V –: Negative Supply Output (RS232 Drivers).
V –
≅ – (2VCC – 1.5V). This pin requires an external
capacitor C = 0.1
µF for charge storage.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com