Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1347CS Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1347CS
Description  5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1347CS Datasheet(HTML) 5 Page - Linear Technology

  LTC1347CS Datasheet HTML 1Page - Linear Technology LTC1347CS Datasheet HTML 2Page - Linear Technology LTC1347CS Datasheet HTML 3Page - Linear Technology LTC1347CS Datasheet HTML 4Page - Linear Technology LTC1347CS Datasheet HTML 5Page - Linear Technology LTC1347CS Datasheet HTML 6Page - Linear Technology LTC1347CS Datasheet HTML 7Page - Linear Technology LTC1347CS Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LTC1347
PI FU CTIO S
C1+, C1–, C2+, C2–: Commutating Capacitor Inputs. These
pins require two external capacitors C = 0.1
µF: one from
C1+ to C1–, and another from C2+ to C2–. To maintain
charge pump efficiency, the capacitor’s effective series
resistance should be less than 2
Ω.
DRIVER IN: RS232 Driver Input Pins. Inputs are TTL/
CMOS compatible. Inputs should not be allowed to float.
Tie unused inputs to VCC.
DRIVER OUT: Driver Outputs at RS232 Voltage Levels.
Outputs are in a high impedance state when in shutdown
mode or VCC = 0V. The driver outputs are protected against
ESD to
±10kV for human body model discharges.
RX IN: Receiver Inputs. These pins can be forced to
±25V
without damage. The receiver inputs are protected against
ESD to
±10kV for human body model discharges. Each
receiver provides 0.4V of hysteresis for noise immunity.
RX OUT: Receiver Outputs with TTL/CMOS Voltage Lev-
els. All receivers are kept alive in shutdown.
0.8V
VCC
0V
2.4V
RX
INPUT
RX
OUTPUT
1.3V
t HLR
1.7V
t LHR
1347 F02
VCC
0V
SWITCHI G TI E WAVEFOR S
Figure 1. Driver Propagation Delay Timing
1.4V
0V
VCC
0V
V+
V–
0V
DRIVER
INPUT
DRIVER
OUTPUT
1.4V
t HLD
t LHD
1347 F01
Figure 2. Receiver Propagation Delay Timing



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com