Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1347CS Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1347CS
Description  5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1347CS Datasheet(HTML) 7 Page - Linear Technology

  LTC1347CS Datasheet HTML 1Page - Linear Technology LTC1347CS Datasheet HTML 2Page - Linear Technology LTC1347CS Datasheet HTML 3Page - Linear Technology LTC1347CS Datasheet HTML 4Page - Linear Technology LTC1347CS Datasheet HTML 5Page - Linear Technology LTC1347CS Datasheet HTML 6Page - Linear Technology LTC1347CS Datasheet HTML 7Page - Linear Technology LTC1347CS Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
LTC1347
PACKAGE DESCRIPTION
0.505 – 0.560
(12.827 – 14.224)
1.455
(36.957)
MAX
12
3
4
5
6
7
8
9
10
27
19
20
21
22
24
23
25
26
28
11
12
13
14
15
16
17
18
0.009 – 0.015
(0.229 – 0.381)
0.625
+0.025
–0.015
+0.635
–0.381
15.87
()
0.600 – 0.625
(15.240 – 15.875)
0.070
(1.778)
TYP
0.015
(0.381)
MIN
0.125
(3.175)
MIN
0.130 ± 0.005
(3.302 ± 0.127)
0.018 ± 0.003
(0.457 ± 0.076)
0.035 – 0.080
(0.889 – 2.032)
0.100 ± 0.010
(2.540 ± 0.254)
0.045 – 0.065
(1.143 – 1.651)
0° – 8° TYP
NOTE 1
0.009 – 0.013
(0.229 – 0.330)
0.016 – 0.050
(0.406 – 1.270)
0.291 – 0.299
(7.391 – 7.595)
(NOTE 2)
× 45°
0.010 – 0.029
(0.254 – 0.737)
0.005
(0.127)
RAD MIN
0.037 – 0.045
(0.940 – 1.143)
0.004 – 0.012
(0.102 – 0.305)
0.093 – 0.104
(2.362 – 2.642)
0.050
(1.270)
TYP
0.014 – 0.019
(0.356 – 0.482)
NOTE 1
0.697 – 0.712
(17.70 – 18.08)
(NOTE 2)
0.394 – 0.419
(10.007 – 10.643)
1
23
4
5
6
78
9 10 11 12
14
13
25
26
22 21 20 19 18 17 16 15
23
24
27
28
NOTE:
1. PIN 1 IDENT, NOTCH ON TOP AND CAVITIES ON THE BOTTOM OF PACKAGES ARE THE MANUFACTURING OPTIONS.
THE PART MAY BE SUPPLIED WITH OR WITHOUT ANY OF THE OPTIONS.
2. THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.006 INCH (0.15mm).
S Package
28-Lead Plastic SOL
G Package
28-Lead SSOP
0.301 – 0.311
(7.65 – 7.90)
12 3 4 5 6 7 8 9 10 11 12
14
13
0.397 – 0.407*
(10.07 – 10.33)
25
26
22 21 20 19 18 17 16 15
23
24
27
28
0.045
(1.14)
0.045
(1.14)
0.068 – 0.078
(1.73 – 1.99)
0.002 – 0.008
(0.05 – 0.21)
0.0256
(0.65)
BSC
0.010 – 0.015
(0.25 – 0.38)
0.005 – 0.009
(0.13 – 0.22)
0° – 8°
0.022 – 0.037
(0.55 – 0.95)
0.205 – 0.212*
(5.20 – 5.38)
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.006 INCH (0.15mm).
N Package
28-Lead Plastic DIP
Dimensions in inches (millimeters) unltess otherwise noted.
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com