Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1347CS Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1347CS
Description  5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1347CS Datasheet(HTML) 6 Page - Linear Technology

  LTC1347CS Datasheet HTML 1Page - Linear Technology LTC1347CS Datasheet HTML 2Page - Linear Technology LTC1347CS Datasheet HTML 3Page - Linear Technology LTC1347CS Datasheet HTML 4Page - Linear Technology LTC1347CS Datasheet HTML 5Page - Linear Technology LTC1347CS Datasheet HTML 6Page - Linear Technology LTC1347CS Datasheet HTML 7Page - Linear Technology LTC1347CS Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LTC1347
TEST CIRCUITS
DRIVER
DRIVER
INPUT
3k
51pF
DRIVER
OUTPUT
1347 F03
1347 TC01
VCC
C1
0.1
µF
LTC1347
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
C3
0.1
µF
V–
V+
C2
0.1
µF
C4
0.1
µF
RS232
LINE PINS
PROTECTED
TO ±10kV
DRIVER 1 IN
RX1 OUT
DRIVER 2 IN
RX2 OUT
RX3 OUT
RX4 OUT
DRIVER 3 IN
RX5 OUT
GND
NC
NC
DRIVER 1 OUT
RX1 IN
DRIVER 2 OUT
RX2 IN
RX3 IN
RX4 IN
DRIVER 3 OUT
RX5 IN
ON/OFF
NC
Figure 5. ESD Test Circuit
Figure 3. Driver Timing Test Load
Figure 4. Receiver Timing Test Load
RX INPUT
51pF
RX
OUTPUT
1347 F04
RX



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com