Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1387CSW Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1387CSW
Description  Single 5V RS232/RS485 Multiprotocol Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1387CSW Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1387CSW Datasheet HTML 4Page - Linear Technology LTC1387CSW Datasheet HTML 5Page - Linear Technology LTC1387CSW Datasheet HTML 6Page - Linear Technology LTC1387CSW Datasheet HTML 7Page - Linear Technology LTC1387CSW Datasheet HTML 8Page - Linear Technology LTC1387CSW Datasheet HTML 9Page - Linear Technology LTC1387CSW Datasheet HTML 10Page - Linear Technology LTC1387CSW Datasheet HTML 11Page - Linear Technology LTC1387CSW Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC1387
SWITCHI G WAVEFOR S
Figure 9. RS485 Receiver Propagation Delays
3V
D
Y, Z
–VO
VO
LTC1387 • F10
tPHL
tPLH
0V
0V
0V
1.5V
1.5V
Figure 10. RS232 Driver Propagation Delays
1.5V
3V
0V
D
f = 1MHz: t r ≤ 10ns: tf ≤ 10ns (FAST SLEW RATE MODE)
f = 100kHz: t r ≤ 10ns: tf ≤ 10ns (SLOW SLEW RATE MODE)
1.5V
Z – Y
–VO
VO
tSKEW
1/2 VO
LTC1387 • F07
tPLH
tr
90%
50%
10%
tPHL
tf
90%
50%
10%
VO
tSKEW
VDIFF = V(A) – V(B)
Z
Y
Figure 7. RS485 Driver Propagation Delays
1.5V
3V
0V
DXEN
f = 1MHz: t r ≤ 10ns: tf ≤ 10ns (FAST SLEW RATE MODE)
f = 100kHz: t r ≤ 10ns: tf ≤ 10ns (SLOW SLEW RATE MODE)
1.5V
Y, Z
VOL
5V
tZL
tLZ
0.5V
OUTPUT NORMALLY LOW
0V
LTC1387 • F08
2.3V
2.3V
tZH
VOH
OUTPUT NORMALLY HIGH
tHZ
0.5V
Z, Y
Figure 8. RS485 Driver Enable and Disable Times
0V
V OD2
B – A
f = 1MHz: tr ≤ 10ns: tf ≤ 10ns
1.5V
R
VOL
VOH
LTC1387 • F09
tPLH
tPHL
INPUT
–V OD2
OUTPUT
0V
1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com