Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1387CSW Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1387CSW
Description  Single 5V RS232/RS485 Multiprotocol Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1387CSW Datasheet(HTML) 3 Page - Linear Technology

  LTC1387CSW Datasheet HTML 1Page - Linear Technology LTC1387CSW Datasheet HTML 2Page - Linear Technology LTC1387CSW Datasheet HTML 3Page - Linear Technology LTC1387CSW Datasheet HTML 4Page - Linear Technology LTC1387CSW Datasheet HTML 5Page - Linear Technology LTC1387CSW Datasheet HTML 6Page - Linear Technology LTC1387CSW Datasheet HTML 7Page - Linear Technology LTC1387CSW Datasheet HTML 8Page - Linear Technology LTC1387CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1387
DC ELECTRICAL CHARACTERISTICS
TA = 25°C, VCC = 5V, C1 = C2 = C3 = C4 = 0.1µF (Notes 2, 3), unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RS485 Receiver (485/232 = High, ON = RXEN = High)
VTH
Differential Input Threshold Voltage
– 7V
≤ VCM ≤ 12V
q
– 0.20
0.20
V
∆VTH
Input Hysteresis
VCM = 0V
40
mV
IIN
Input Current (A, B)
VIN = 12V
q
1mA
VIN = – 7V
q
– 0.8
mA
RIN
Input Resistance
– 7V
≤ VIN ≤ 12V
q
12
24
k
RS232 Receiver (485/232 = Low, ON = RXEN = High)
VTH
Receiver Input Voltage Threshold
Input Low Threshold
q
0.8
V
Input High Threshold
q
2.4
V
∆VTH
Receiver Input Hysteresis
0.6
V
RIN
Receiver Input Resistance
VIN = ±10V
3
5
7
k
Receiver Output (ON = RXEN = High)
VOH
Receiver Output High Voltage
IO = – 3mA, VIN = 0V, 485/232 = Low
q
3.5
4.6
V
VOL
Receiver Output Low Voltage
IO = 3mA, VIN = 3V, 485/232 = Low
q
0.2
0.4
V
IOSR
Short-Circuit Current
0V
≤ VO ≤ VCC
q
785
mA
IOZR
Three-State Output Current
RXEN = 0V
q
±0.1
±10
µA
Power Supply Generator
VDD
VDD Output Voltage
No Load, ON = DXEN = RXEN = High
8
V
IDD = – 5mA, ON = DXEN = RXEN = High
7
V
VEE
VEE Output Voltage
No Load, ON = DXEN = RXEN = High
– 7.7
V
IEE = 5mA, ON = DXEN = RXEN = High
– 7.0
V
Power Supply
ICC
VCC Supply Current
No Load, ON = DXEN = RXEN = High
q
725
mA
Shutdown, ON = DXEN = RXEN = 0V
q
5
100
µA
AC ELECTRICAL CHARACTERISTICS
TA = 25°C, VCC = 5V, C1 = C2 = C3 = C4 = 0.1µF (Notes 2, 3), unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RS232 Mode (ON = DXEN = RXEN = High, 485/232 = Low)
SR
Slew Rate
Figure 4, RL = 3k, CL = 15pF
q
30
V/
µs
Figure 4, RL = 3k, CL = 1000pF
q
4V/
µs
tT
Transition Time
Figure 4, RL = 3k, CL = 2500pF
q
0.22
1.9
3.1
µs
tPLH
Driver Input to Output
Figures 4, 10, RL = 3k, CL = 15pF
q
0.6
4
µs
tPHL
Driver Input to Output
Figures 4, 10, RL = 3k, CL = 15pF
q
0.6
4
µs
tPLH
Receiver Input to Output
Figures 5, 11
q
0.3
6
µs
tPHL
Receiver Input to Output
Figures 5, 11
q
0.4
6
µs
RS485 Mode (Fast Slew Rate, ON = DXEN = High, 485/232 = High, SLEW = High)
tPLH
Driver Input to Output
Figures 2, 7, RL = 54Ω, CL = 100pF
q
15
40
70
ns
tPHL
Driver Input to Output
Figures 2, 7, RL = 54Ω, CL = 100pF
q
15
40
70
ns
tSKEW
Driver Output to Output
Figures 2, 7, RL = 54Ω, CL = 100pF
q
515
ns
tr, tf
Driver Rise or Fall Time
Figures 2, 7, RL = 54Ω, CL = 100pF
q
315
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com