Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1387CSW Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1387CSW
Description  Single 5V RS232/RS485 Multiprotocol Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1387CSW Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1387CSW Datasheet HTML 4Page - Linear Technology LTC1387CSW Datasheet HTML 5Page - Linear Technology LTC1387CSW Datasheet HTML 6Page - Linear Technology LTC1387CSW Datasheet HTML 7Page - Linear Technology LTC1387CSW Datasheet HTML 8Page - Linear Technology LTC1387CSW Datasheet HTML 9Page - Linear Technology LTC1387CSW Datasheet HTML 10Page - Linear Technology LTC1387CSW Datasheet HTML 11Page - Linear Technology LTC1387CSW Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC1387
1387f LT/GP 0197 7K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1997
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com
Dimensions in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTION
G Package
20-Lead Plastic SSOP (0.209)
(LTC DWG # 05-08-1640)
SW Package
20-Lead Plastic Small Outline (Wide 0.300)
(LTC DWG # 05-08-1620)
G20 SSOP 0595
0.005 – 0.009
(0.13 – 0.22)
0
° – 8°
0.022 – 0.037
(0.55 – 0.95)
0.205 – 0.212**
(5.20 – 5.38)
0.301 – 0.311
(7.65 – 7.90)
12 3
4
5
6 7 89 10
0.278 – 0.289*
(7.07 – 7.33)
17
18
14 13 12 11
15
16
19
20
0.068 – 0.078
(1.73 – 1.99)
0.002 – 0.008
(0.05 – 0.21)
0.0256
(0.65)
BSC
0.010 – 0.015
(0.25 – 0.38)
DIMENSIONS DO NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSIONS DO NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
S20 (WIDE) 0396
NOTE 1
0.496 – 0.512*
(12.598 – 13.005)
20
19
18
17
16
15
14
13
1
23
4
5
6
78
0.394 – 0.419
(10.007 – 10.643)
910
11
12
0.037 – 0.045
(0.940 – 1.143)
0.004 – 0.012
(0.102 – 0.305)
0.093 – 0.104
(2.362 – 2.642)
0.050
(1.270)
TYP 0.014 – 0.019
(0.356 – 0.482)
TYP
0
° – 8° TYP
NOTE 1
0.009 – 0.013
(0.229 – 0.330)
0.016 – 0.050
(0.406 – 1.270)
0.291 – 0.299**
(7.391 – 7.595)
× 45°
0.010 – 0.029
(0.254 – 0.737)
NOTE:
1. PIN 1 IDENT, NOTCH ON TOP AND CAVITIES ON THE BOTTOM OF PACKAGES ARE THE MANUFACTURING OPTIONS.
THE PART MAY BE SUPPLIED WITH OR WITHOUT ANY OF THE OPTIONS
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC485
Low Power RS485 Interface Transceiver
Single 5V Supply, Wide Common Mode Range
LT
® 1137A
Low Power RS232 Transceiver
±15kV IEC-1000-4-2 ESD Protection, Three Drivers, Five Receivers
LTC1320
AppleTalk
® Transceiver
AppleTalk /LocalTalk
® Compliant
LTC1321/LTC1322/LTC1335
RS232/EIA562/RS485 Transceivers
Configurable
LTC1323
Single 5V AppleTalk Transceiver
AppleTalk /LocalTalk Compliant 10kV ESD
LTC1334
Single Supply RS232/RS485 Transceiver
Single 5V Supply, Configurable
LTC1347
5V Low Power RS232 Transceiver
Three Drivers/Five Receivers, Five Receivers Alive in Shutdown
AppleTalk and LocalTalk are registered trademarks of Apple Computer Corp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com