Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1387CSW Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1387CSW
Description  Single 5V RS232/RS485 Multiprotocol Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1387CSW Datasheet(HTML) 5 Page - Linear Technology

  LTC1387CSW Datasheet HTML 1Page - Linear Technology LTC1387CSW Datasheet HTML 2Page - Linear Technology LTC1387CSW Datasheet HTML 3Page - Linear Technology LTC1387CSW Datasheet HTML 4Page - Linear Technology LTC1387CSW Datasheet HTML 5Page - Linear Technology LTC1387CSW Datasheet HTML 6Page - Linear Technology LTC1387CSW Datasheet HTML 7Page - Linear Technology LTC1387CSW Datasheet HTML 8Page - Linear Technology LTC1387CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1387
PI FU CTIO S
485/232 (Pin 8): Interface Mode Select Input. A low logic
input enables two RS232 drivers and two RS232 receiv-
ers. A high input enables the RS485 driver and the RS485
receiver.
DXEN (Pin 9): Driver Enable Input. A high logic input
enables the drivers and a low logic input disables the
drivers. When disabled, all driver outputs are in high
impedance
GND (Pin 10): Ground.
VEE (Pin 11): Charge Pump Negative Supply Output.
Requires an external 0.1
µF capacitor to ground.
RXEN (Pin 12): Receiver Enable Input. A high logic input
enables the receivers and a low logic input disables the
receivers. When disabled, all receiver outputs are in high
impedance.
ON (Pin 13): A high logic level at ON input keeps the charge
pump active regardless of the state of the DXEN and RXEN
inputs. When the charge pump is active, the drivers and
receivers can be enabled or disabled without waiting for
charge pump stabilization time (typically 100
µswith0.1µF
capacitors). A low logic state at the ON, DXEN and RXEN
inputs will put the transceiver and charge pump in shut-
down mode and reduces ICC to 5µA. Whenever the trans-
ceiver is activated from shutdown, the charge pump
should be allowed to stabilize before data transmission.
When DXEN and RXEN are high and ON is low, the charge
pump, drivers and receivers are all active and the driver
outputs are internally looped back to the inputs of the
receiver. The three control inputs ON, DXEN and RXEN can
be configured for one-, two- or three-wire control: one-
wire mode – all three inputs connected together; two-wire
mode – inputs ON and RXEN connected to one wire, DXEN
a separate wire; three-wire mode – separate wires to each
input. See the Function Tables.
DZ/SLEW (Pin 14): Driver Z or Slew Input. In RS232
mode, this pin is the driver Z input. In RS485 mode, this
pin controls the slew rate of the RS485 driver. With the
SLEW pin high, the RS485 driver runs at maximum (fast)
slew rate and can transmit signals up to 5MBd. With the
SLEW pin low, the RS485 driver runs with reduced (slow)
slew rate to control reflections with improperly terminated
cables. In slow mode, the RS485 driver can support data
rates up to 150kBd. This SLEW pin has internal 5
µA pull-
up during RS485 mode.
DY (Pin 15): Driver Y Input. Input Y in RS232 mode; the
differential driver input in RS485 mode.
RB (Pin 16): Receiver B Output. Output B in RS232 mode;
output is high impedance in RS485 mode.
RA (Pin 17): Receiver A Output. Output A in RS232 mode;
the differential receiver output in RS485 mode.
VCC (Pin 18): Positive Supply. 4.75V ≤ VCC ≤ 5.25V.
Requires an external 0.1
µF bypass capacitor to ground.
C2 (Pin 19): Commutating Capacitor C2 Negative Termi-
nal. Requires an external 0.1
µF capacitor between Pins 19
and 20.
C2 +
(Pin 20): Commutating Capacitor C2 Positive
Terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com