Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1401CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1401CS8
Description  Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1401CS8 Datasheet(HTML) 1 Page - Linear Technology

  LTC1401CS8 Datasheet HTML 1Page - Linear Technology LTC1401CS8 Datasheet HTML 2Page - Linear Technology LTC1401CS8 Datasheet HTML 3Page - Linear Technology LTC1401CS8 Datasheet HTML 4Page - Linear Technology LTC1401CS8 Datasheet HTML 5Page - Linear Technology LTC1401CS8 Datasheet HTML 6Page - Linear Technology LTC1401CS8 Datasheet HTML 7Page - Linear Technology LTC1401CS8 Datasheet HTML 8Page - Linear Technology LTC1401CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC1401
Complete
SO-8, 12-Bit, 200ksps
ADC with Shutdown
The LTC
®1401 is a complete 200ksps, 12-bit A/D con-
verter that converts 0V to 2.048V unipolar input and draws
only 15mW from a single 3V supply. This easy-to-use
device comes complete with a 315ns sample-and-hold
and a precision reference. Maximum DC specifications
include
±1LSB INL, ±1LSB DNL and 45ppm/°C full-scale
drift over temperature.
The LTC1401 has three power saving modes: Nap and
Sleep, through the serial interface and Shutdown by
setting the SHDN pin to zero. In Nap mode, it consumes
only 1.5mW of power and can wake up and convert
immediately. In Sleep (Shutdown) mode, it consumes
19.5
µW (13.5µW) of power typically. Upon power-up
from Sleep or Shutdown mode, a reference ready (REFRDY)
signal is available in the serial word to indicate that the
reference has settled and the chip is ready to convert.
The 3-wire serial port allows compact and efficient data
transfer to a wide range of microprocessors, microcon-
trollers and DSPs.
DESCRIPTION
FEATURES
s
Complete 12-Bit ADC with Reference in SO-8
s
Single Supply 3V Operation
s
Sample Rate: 200ksps
s
Power Dissipation: 15mW (Typ)
s
68dB S/(N + D) and – 72dB THD at 50kHz
s
No Missing Codes Over Temperature
s
Nap Mode with Instant Wake-Up: 1.5mW
s
Sleep Mode: 19.5
µW
s
Shutdown Mode: 13.5
µW
s
High Impedance Analog Input
s
Input Range (0.5mV/LSB): 0V to 2.048V
s
Internal Reference Can Be Overdriven Externally
s
3-Wire Interface to DSPs and Processors (SPI and
MICROWIRE
TM Compatible)
Single 3V Supply, 200kHz, 12-Bit Sampling A/D Converter
s
Low Power and Battery-Operated Systems
s
Handheld or Portable Instruments
s
High Speed Data Acquisition
s
Digital Signal Processing
s
Multiplexed Data Acquisition Systems
s
Telecommunication
s
Digital Radio
s
Spectrum Analysis
APPLICATIONS
TYPICAL APPLICATION
VCC
AIN
VREF
GND
SHDN
CONV
CLK
DOUT
P1.4
P1.3
P1.2
LTC1401
MPU
SERIAL
DATA LINK
+
0.1
µF
10
µF
+
0.1
µF
10
µF
1.20V
ANALOG INPUT
(0V TO 2.048V)
4
3
2
1
5
6
7
8
3V
1401 TA01
SAMPLE RATE (Hz)
0.01
1
10
100
10
1k
1M
LTC1401 • TA02
0.1
0.01
0.001
0.1
1
100
10k 100k
NORMAL CONVERSION
NAP MODE
BETWEEN CONVERSION
SHUTDOWN MODE
BETWEEN CONVERSION
SLEEP MODE BETWEEN
CONVERSION
3.2MHz CLOCK
TA = 25°C
Power Consumption vs Sample Rate
, LTC and LT are registered trademarks of Linear Technology Corporation.
MICROWIRE is a trademark of National Semiconductor Corporation.


Similar Part No. - LTC1401CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1401 LINER-LTC1401_15 Datasheet
253Kb / 20P
Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
More results

Similar Description - LTC1401CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1400 LINER-LTC1400 Datasheet
515Kb / 20P
Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1404 LINER-LTC1404 Datasheet
455Kb / 24P
Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
LTC1400 LINER-LTC1400_1 Datasheet
2Mb / 20P
Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
logo
Maxim Integrated Produc...
MAX1162 MAXIM-MAX1162_10 Datasheet
228Kb / 18P
16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 4/10
MAX11100 MAXIM-MAX11100 Datasheet
3Mb / 19P
16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
MAX11101 MAXIM-MAX11101 Datasheet
3Mb / 19P
14-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
logo
List of Unclassifed Man...
ZADCS146 ETC2-ZADCS146_11 Datasheet
579Kb / 26P
12-Bit, 200ksps, ADC Family
logo
Linear Technology
LTC1400 LINER-LTC1400_15 Datasheet
371Kb / 20P
Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1401 LINER-LTC1401_15 Datasheet
253Kb / 20P
Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
LTC1404 LINER-LTC1404_15 Datasheet
339Kb / 24P
Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com