Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1401CS8 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1401CS8
Description  Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1401CS8 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1401CS8 Datasheet HTML 12Page - Linear Technology LTC1401CS8 Datasheet HTML 13Page - Linear Technology LTC1401CS8 Datasheet HTML 14Page - Linear Technology LTC1401CS8 Datasheet HTML 15Page - Linear Technology LTC1401CS8 Datasheet HTML 16Page - Linear Technology LTC1401CS8 Datasheet HTML 17Page - Linear Technology LTC1401CS8 Datasheet HTML 18Page - Linear Technology LTC1401CS8 Datasheet HTML 19Page - Linear Technology LTC1401CS8 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
LTC1401
© LINEAR TECHNOLOGY CORPORATION 1998
1401f LT/TP 0598 4K • PRINTED IN USA
TYPICAL APPLICATIONS
Interface to the TMS320C50’s TDM Serial Port (Frame Sync is Generated from TFSX)
RELATED PARTS
12-Bit Parallel Output ADCs
PART NUMBER
DESCRIPTION
COMMENTS
LTC1273/LTC1275/LTC1276
Complete 5V Sampling 12-Bit ADCs with 70dB SINAD at Niquist
Lower Power and Cost Effective for
fSAMPLE ≤ 300ksps
LTC1274/LTC1277
Low Power 12-Bit ADCs with Nap and Sleep Mode Shutdown
Lowest Power (10mW) fSAMPLE ≤ 100ksps
LTC1278/LTC1279
High Speed Sampling 12-Bit ADCs with Shutdown
Cost Effective 12-Bit ADCs with Convert Start Input
Best for 300ksps < fSAMPLE ≤ 600ksps
LTC1282
Complete 3V 12-Bit ADCs with 12mW Power Dissipation
Fully Specified for 3V Powered Applications,
fSAMPLE ≤ 140ksps
LTC1409
Low Power 12-Bit, 800ksps Sampling ADC
Best Dynamic Performance
fSAMPLE ≤ 800ksps, 80mW Dissipation
LTC1410
12-Bit, 1.25Msps Sampling ADC with Shutdown
Best Dynamic Performance, THD = – 84dB and
SINAD = 71dB at Nyquist
12-Bit Serial Output ADCs
PART NUMBER
VCC
SAMPLE RATE
POWER DISSIPATION
DESCRIPTION
LTC1285/LTC1288
3V
7.5/6.6ksps
0.48mW
3V, One or Two Input, Micropower, SO-8
LTC1286/LTC1298
5V
12.5/11.1ksps
1.25mV
One or Two Input, Micropower, SO-8
LTC1290
5/
±5V
50ksps
30mW
8 Input, Full-Duplex Serial I/O
LTC1296
5/
±5V
46.5ksps
30mW
8 Input, Half-Duplex Serial I/O, Power Shutdown Output
LTC1400
5/
±5V
400ksps
75mW
Complete 12-Bit, 400ksps, SO-8 ADC with Shutdown
LTC1404
5/
±5V
600ksps
75mW
Complete 12-Bit, 600ksps, SO-8 ADC with Shutdown
VCC
AIN
VREF
CLK
CONV
DOUT
GND
TCLKX
TCLKR
TFSX
TFSR
TDR
LTC1401
TMS320C50
+
10
µF
0.1
µF
UNIPOLAR
INPUT
+
10
µF
0.1
µF
3V
LTC1401 • TA04a
1
8
2
3
4
6
7
5
SHDN
CLKOUT
20MHz
5V
QC
CLK
A B C D
CLR LD
P T
74HC161
2.5MHz EXTERNAL CLOCK
LTC1401 Interface to the ADSP2181’s SPORT0 (Frame Sync is Generated from RFS)
AIN
VCC
VREF
CLK
CONV
DOUT
GND
SCLKO
RFS
DR0
LTC1401
ADSP2181
UNIPOLAR
INPUT
+
10
µF
0.1
µF
+
10
µF
3V
0.1
µF
1
2
3
6
7
5
LTC1401 • TA05a
8
SHDN
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com