Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1401CS8 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1401CS8
Description  Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1401CS8 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1401CS8 Datasheet HTML 10Page - Linear Technology LTC1401CS8 Datasheet HTML 11Page - Linear Technology LTC1401CS8 Datasheet HTML 12Page - Linear Technology LTC1401CS8 Datasheet HTML 13Page - Linear Technology LTC1401CS8 Datasheet HTML 14Page - Linear Technology LTC1401CS8 Datasheet HTML 15Page - Linear Technology LTC1401CS8 Datasheet HTML 16Page - Linear Technology LTC1401CS8 Datasheet HTML 17Page - Linear Technology LTC1401CS8 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LTC1401
TYPICAL APPLICATIONS
Interface to the TMS320C50’s TDM Serial Port (Frame Sync is Generated from TFSX)
Data from the LTC1401 Loaded into the TMS320C50’s TRCV Register
Data Stored in the TMS320C50’s Memory (in Right Justified Format)
VCC
AIN
VREF
CLK
CONV
DOUT
GND
TCLKX
TCLKR
TFSX
TFSR
TDR
LTC1401
TMS320C50
+
10
µF
0.1
µF
UNIPOLAR
INPUT
+
10
µF
0.1
µF
3V
LTC1401 • TA04a
1
8
2
3
4
6
7
5
SHDN
CLKOUT
20MHz
5V
QC
CLK
A B C D
CLR LD
P T
74HC161
2.5MHz EXTERNAL CLOCK
1401 TA5b
D0
X
X
1401 TA4c
D1
D2
D4
D5
D3
RDY
X
D11 D10 D9
D8
D7
D6
D2
D1
D0
1401 TA4d
D3
D4
D6
D7
D5
0
0
0
RDY D11 D10 D9
D8
Logic Analyzer Waveforms Show 6.4
µs Throughput Rate (Input Voltage = 0.765V, Output Code = 0101 1111 1010 = 153010)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com