Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1401CS8 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1401CS8
Description  Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1401CS8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1401CS8 Datasheet HTML 6Page - Linear Technology LTC1401CS8 Datasheet HTML 7Page - Linear Technology LTC1401CS8 Datasheet HTML 8Page - Linear Technology LTC1401CS8 Datasheet HTML 9Page - Linear Technology LTC1401CS8 Datasheet HTML 10Page - Linear Technology LTC1401CS8 Datasheet HTML 11Page - Linear Technology LTC1401CS8 Datasheet HTML 12Page - Linear Technology LTC1401CS8 Datasheet HTML 13Page - Linear Technology LTC1401CS8 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LTC1401
APPLICATIONS INFORMATION
is available at Pin 3 to provide up to 1mA current to an
external load. For minimum code transition noise, the
reference output should be decoupled with a capacitor to
filter wideband noise from the reference (10uF tantalum in
parallel with a 0.1uF ceramic is recommended). The VREF
pin can be driven with a DAC or other means to provide
input span adjustment. The VREF pin must be driven to at
least 1.25V to prevent conflict with the internal reference.
The reference should not be driven to more than 3V.
Figure 6 shows an LT1360 op amp driving the reference
pin. Figure 7 shows a typical reference (LT1634-1.25)
connected to the LTC1401. This will provide improved
drift (equal to the maximum 25ppm/
°C of the LT1634-
1.25) and a 2.1338V full scale.
UNIPOLAR OPERATION AND ADJUSTMENT
Figure 8 shows the ideal input/output characteristics for
the LTC1401. The code transitions occur midway between
successive integer LSB values (i.e., 0.5LSB, 1.5LSB,
2.5LSB, ... FS – 1.5LSB ). The output code is natural binary
with 1LSB = 2.048/4096 = 0.5mV.
Figure 7. Supplying a 2.5V Reference Voltage to
the LTC1401 with the LT1634-1.25
LTC1401 • F06
–
+
VREF(OUT) ≥ 1.25V
AIN
VREF
GND
10
µF
3
Ω
INPUT RANGE
1.707 • VREF(OUT)
3V
LTC1401
LT1360
VCC
LTC1401 • F07
10
µF
3
Ω
INPUT RANGE 1.707 • VREF
(= 2.1338V)
LT1634-1.25
10V
VIN
VOUT
GND
3V
AIN
VREF
GND
LTC1401
VCC
Figure 6. Driving the VREF with the LT1360 Op Amp
Figure 8. LTC1401 Unipolar Transfer Characteristics
INPUT VOLTAGE (V)
0V
FS – 1LSB
LTC1401 • F08
111...111
111...110
111...101
111...100
000...000
000...001
000...010
000...011
1
LSB
UNIPOLAR
ZERO
1LSB = FS
4096
2.048
4096
=
Unipolar Offset and Full-Scale Error Adjustments
In applications where absolute accuracy is important, the
offset and full-scale errors can be adjusted to zero. Offset
error must be adjusted before full-scale error. Figure 9a
shows the extra components required for full scale error
adjustment. If both offset and full-scale adjustments are
needed, the circuit in Figure 9b can be used. For zero offset
error, apply 0.25mV (i.e., 0.5LSB) at the input and adjust
the offset trim until the LTC1401 output code flickers
between 0000 0000 0000 and 0000 0000 0001. For zero
full-scale error, apply an analog input of 2.04725V ( FS –
1.5LSB or last code transition ) at the input and adjust R5
until the LTC1401 output code flickers between 1111 1111
1110 and 1111 1111 1111.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com