Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1422CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1422CS8
Description  Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1422CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1422CS8 Datasheet HTML 8Page - Linear Technology LTC1422CS8 Datasheet HTML 9Page - Linear Technology LTC1422CS8 Datasheet HTML 10Page - Linear Technology LTC1422CS8 Datasheet HTML 11Page - Linear Technology LTC1422CS8 Datasheet HTML 12Page - Linear Technology LTC1422CS8 Datasheet HTML 13Page - Linear Technology LTC1422CS8 Datasheet HTML 14Page - Linear Technology LTC1422CS8 Datasheet HTML 15Page - Linear Technology LTC1422CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LTC1422
Power N-Channel and Sense Resistor Selection
The decision of which external power N-Channel to use is
dependent on its maximum current rating and the maxi-
mum allowed current times RDS(ON) drop across the
transistor. Table 1 lists some transistors that are available.
Table 2 lists some current sense resistors that can be
used with the circuit breaker. Since this information is
subject to change, please verify the part numbers with the
manufacturer. Table 3 lists the web sites of several manu-
facturers.
Table 1. N-Channel Selection Guide
CURRENT LEVEL (A)
PART NUMBER
DESCRIPTION
MANUFACTURER
0 to 2
MMDF3N02HD
Dual N-Channel SO-8
ON Semiconductor
RDS(ON) = 0.1Ω
2 to 5
MMSF5N02HD
Single N-Channel SO-8
ON Semiconductor
RDS(ON) = 0.025Ω
5 to 10
MTB50N06V
Single N-Channel DD Pak
ON Semiconductor
RDS(ON) = 0.028Ω
10 to 20
MTB75N05HD
Single N-Channel DD Pak
ON Semiconductor
RDS(ON) = 0.0095Ω
Table 2. Sense Resistor Selection Guide
CURRENT LIMIT VALUE
PART NUMBER
DESCRIPTION
MANUFACTURER
1A
LR120601R050
0.05
Ω 0.25W 1% Resistor
IRC-TT
2A
LR120601R025
0.025
Ω 0.25W 1% Resistor
IRC-TT
2.5A
LR120601R020
0.02
Ω 0.25W 1% Resistor
IRC-TT
3.3A
WSL2512R015F
0.015
Ω 1W 1% Resistor
Vishay-Dale
5A
LR120601R010
0.01
Ω 0.25W 1% Resistor
IRC-TT
10A
WSR2R005F
0.005
Ω 2W 1% Resistor
Vishay-Dale
Table 3. Manufacturers’ Web Sites
MANUFACTURER
WEB SITE
TEMIC Semiconductor
www.temic.com
International Rectifier
www.irf.com
ON Semiconductor
www.onsemiconductor.com
Harris Semiconductor
www.semi.harris.com
IRC-TT
www.irctt.com
Vishay-Dale
www.vishay.com
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com