Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1422CS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1422CS8
Description  Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1422CS8 Datasheet(HTML) 4 Page - Linear Technology

  LTC1422CS8 Datasheet HTML 1Page - Linear Technology LTC1422CS8 Datasheet HTML 2Page - Linear Technology LTC1422CS8 Datasheet HTML 3Page - Linear Technology LTC1422CS8 Datasheet HTML 4Page - Linear Technology LTC1422CS8 Datasheet HTML 5Page - Linear Technology LTC1422CS8 Datasheet HTML 6Page - Linear Technology LTC1422CS8 Datasheet HTML 7Page - Linear Technology LTC1422CS8 Datasheet HTML 8Page - Linear Technology LTC1422CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC1422
TYPICAL PERFORMANCE CHARACTERISTICS
SUPPLY VOLTAGE (V)
2
1.244
1.242
1.240
1.238
1.236
1.234
1.232
4
68
10
1422 G10
12
14
TA = 25°C
TIMER Threshold Voltage
vs Supply Voltage
SUPPLY VOLTAGE (V)
2
2.0
2.1
2.2
2.3
2.4
2.6
4
68
10
1422 G12
12
14
2.5
TA = 25°C
TIMER Current vs Supply Voltage
TEMPERATURE (
°C)
–55
65
1.242
1.241
1.240
1.239
1.238
1.237
1.236
1.235
1.234
1.233
1422 G11
5
–35
85
25
–15
105
45
125
VCC = 12V
VCC = 5V
VCC = 3V
TIMER Threshold Voltage
vs Temperature
ON Pin Threshold Voltage
vs Supply Voltage
TIMER Current vs Temperature
TEMPERATURE (
°C)
–55
65
2.45
2.40
2.35
2.30
2.25
2.20
2.15
2.10
2.05
2.00
1422 G13
5
–35
85
25
–15
105
45
125
VCC = 5V
SUPPLY VOLTAGE (V)
2
1.32
1.30
1.28
1.26
1.24
1.22
1.20
4
68
10
1422 G14
12
14
TA = 25°C
LOW THRESHOLD
HIGH THRESHOLD
ON Pin Threshold Voltage
vs Temperature
TEMPERATURE (
°C)
–55
65
1.38
1.36
1.34
1.32
1.30
1.28
1.26
1.24
1.22
1.20
1422 G15
5
–35
85
25
–15
105
45
125
VCC = 5V
INPUT HIGH
INPUT LOW
Current Limit Threshold
vs Temperature
TEMPERATURE (
°C)
–55
40
45
55
60
65
65
85
1422 G17
50
5
–35
85
25
–15
105
45
125
70
75
80
VCC = 5V
RESET Pull-Up Current
vs Temperature
TEMPERATURE (
°C)
–55
4
6
10
12
14
65
22
1422 G18
8
5
–35
85
25
–15
105
45
125
16
18
20
VCC = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com