Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1422CS8 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1422CS8
Description  Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1422CS8 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1422CS8 Datasheet HTML 8Page - Linear Technology LTC1422CS8 Datasheet HTML 9Page - Linear Technology LTC1422CS8 Datasheet HTML 10Page - Linear Technology LTC1422CS8 Datasheet HTML 11Page - Linear Technology LTC1422CS8 Datasheet HTML 12Page - Linear Technology LTC1422CS8 Datasheet HTML 13Page - Linear Technology LTC1422CS8 Datasheet HTML 14Page - Linear Technology LTC1422CS8 Datasheet HTML 15Page - Linear Technology LTC1422CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LTC1422
Figure 15. Switching 48V to a Vicor Module with Isolated Controller
1
2
3
4
8
7
6
5
VCC
SENSE
GATE
FB
VICOR
VI-J30-CY
5V
GND
µP
PWRGD
RESET
ON
VCC
++
__
GATE IN
C3
100
µF
100V
RESET
ON
TIMER
GND
LTC1422
Q1
IRF530
OPTIONAL
PRECHARGE RESISTOR
1422 F15
1
2
3
4
8
7
6
5
VCC
SENSE
GATE
FB
RESET
ON
TIMER
GND
LTC1422
Q4
5V
C1
0.1
µF
25V
CIRCUIT TURNS ON WHEN VIN > 38V
CIRCUIT FOR ACTIVE HIGH TURN-ON MODULES
D1
7.5V
1N755A
C4
1
µF
25V
R6
1M
5%
R7
270k
5%
C2
0.1
µF
25V
R5
6.2k
5%
R4
5.1k
5%
R1
36k
5%
R2
1.2k
5%
R3
10
Ω
5%
R8
510
Ω
5%
48V
+
–
4N25
4N25
R11
5.1k
5%
R12
5.1k
5%
C5
0.33
µF
16V
R10
10
Ω
5%
R9
0.5
Ω
5%
C6
0.022
µF
16V
R13
28k
1%
R14
10k
1%
C7
47
µF
16V
FUSE
+
+
Figure 14. Hop Swapping Redundant 48V Supplies
1
2
3
4
8
7
6
5
VCC
SENSE
GATE
FB
VICOR
VI-J30-CY
5V
++
__
GATE IN
C3
100
µF
100V
RESET
ON
TIMER
GND
LTC1422
Q1
IRF530
OPTIONAL
PRECHARGE RESISTOR
1422 F14
C1
0.33
µF
16V
Q1 TURNS ON WHEN VIN > 38V
FAULT GOES LOW WHEN EITHER SUPPLY FAILS
D1
7.5V
1N755A
C4
1
µF
25V
C2
0.1
µF
25V
R5
10k
5%
R1
36k
5%
R7
10k
5%
R10
5.1k
5%
R9
1k
5%
R2
1.2k
5%
R3
10
Ω
5%
Q2
MPSA56
R8
510
Ω
5%
R4
10k
5%
FAULT
D2
MUR415
D4
1N4148
COMMON
RETURN
D5
1N4148
4N25
D3
MUR415
FUSE 2
FUSE 1
– 48V
– 48V
R6
10k
5%
+
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com