Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1422CS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1422CS8
Description  Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1422CS8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1422CS8 Datasheet HTML 2Page - Linear Technology LTC1422CS8 Datasheet HTML 3Page - Linear Technology LTC1422CS8 Datasheet HTML 4Page - Linear Technology LTC1422CS8 Datasheet HTML 5Page - Linear Technology LTC1422CS8 Datasheet HTML 6Page - Linear Technology LTC1422CS8 Datasheet HTML 7Page - Linear Technology LTC1422CS8 Datasheet HTML 8Page - Linear Technology LTC1422CS8 Datasheet HTML 9Page - Linear Technology LTC1422CS8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1422
PIN FUNCTIONS
GATE (Pin 6): The high side gate drive for the external
N-Channel. An internal charge pump guarantees at least
10V of gate drive. The slope of the voltage rise or fall at the
GATE is set by an external capacitor connected between
GATE and GND, and the 10
µA charge pump output cur-
rent. When the circuit breaker trips, the undervoltage
lockout circuit monitoring VCC trips, or the ON pin is pulled
low for more than 40
µs, the GATE pin is immediately
pulled to GND.
SENSE (Pin 7) : Circuit Breaker Set Pin. With a sense
resistor placed in the supply path between VCCand SENSE,
the circuit breaker will trip when the voltage across the
resistor exceeds 50mV for more than 10
µs. If the circuit
breaker trip current is set to twice the normal operating
current, only 25mV is dropped across the sense resistor
during normal operation. To disable the circuit breaker,
VCC and SENSE can be shorted together.
VCC (Pin 8): The positive supply input, ranging from 2.7V
to 13.2V for normal operation. ICC is typically 0.6mA. An
undervoltage lockout circuit disables the chip until the
voltage at VCC is greater than 2.47V.
1.232V
REFERENCE
GLITCH
FILTER
10
µs
FILTER
2.47V
UVL
50mV
8
REF
5
FB
1
RESET
4
GND
COMP 3
VCC
7
SENSE
6
GATE
–
+
COMP 1
REF
COMP 2
2
µA
12
µA
–
+
COMP 4
REF
TIMER
1422 BD
3
ON
2
Q1
Q2
LOGIC
CHARGE
PUMP
Q3
BLOCK DIAGRA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com