Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1436AIGN Datasheet(PDF) 24 Page - Linear Technology

Part # LTC1436AIGN
Description  High Efficiency Low Noise Synchronous Step-Down Switching Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1436AIGN Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC1436AIGN Datasheet HTML 20Page - Linear Technology LTC1436AIGN Datasheet HTML 21Page - Linear Technology LTC1436AIGN Datasheet HTML 22Page - Linear Technology LTC1436AIGN Datasheet HTML 23Page - Linear Technology LTC1436AIGN Datasheet HTML 24Page - Linear Technology LTC1436AIGN Datasheet HTML 25Page - Linear Technology LTC1436AIGN Datasheet HTML 26Page - Linear Technology LTC1436AIGN Datasheet HTML 27Page - Linear Technology LTC1436AIGN Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
24
LTC1436A
LTC1436-PLL-A/LTC1437A
+
+
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
PLL LPF
COSC
RUN/SS
LBO
LBI
ITH
SFB
SGND
VPROG
VOSENSE
NC
SENSE–
SENSE+
AUXON
PLLIN
POR
BOOST
TGL
SW
TGS
VIN
INTVCC
DRVCC
BG
PGND
EXTVCC
AUXDR
AUXFB
RLP
RC
CLP
CC
1000pF
OPEN
100pF
R1
COUT
RSENSE
L1
4.7
µF
CB
0.1
µF
DB
M3
D1
EXT CLOCK
LTC1437A
+
–
+
–
M1
M2
1437 F15
CIN
R2
OUTPUT DIVIDER
REQUIRED WITH
VPRGM OPEN
BOLD LINES INDICATE HIGH CURRENT PATHS
5V EXT VCC
CONNECTION
AUX
ON/OFF
CSS
CC2
COSC
VIN
VOUT
Figure 15. LTC1437A Layout Diagram
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com