Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1436AIGN Datasheet(PDF) 26 Page - Linear Technology

Part # LTC1436AIGN
Description  High Efficiency Low Noise Synchronous Step-Down Switching Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1436AIGN Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC1436AIGN Datasheet HTML 20Page - Linear Technology LTC1436AIGN Datasheet HTML 21Page - Linear Technology LTC1436AIGN Datasheet HTML 22Page - Linear Technology LTC1436AIGN Datasheet HTML 23Page - Linear Technology LTC1436AIGN Datasheet HTML 24Page - Linear Technology LTC1436AIGN Datasheet HTML 25Page - Linear Technology LTC1436AIGN Datasheet HTML 26Page - Linear Technology LTC1436AIGN Datasheet HTML 27Page - Linear Technology LTC1436AIGN Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
26
LTC1436A
LTC1436-PLL-A/LTC1437A
TYPICAL APPLICATIONS
LTC1436A-PLL 2.5V/5V Adjustable Output with
Foldback Current limiting and 5V Auxiliary Output
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
+
+
PLL LPF
COSC
RUN/SS
ITH
SFB
SGND
VPROG
VOSENSE
SENSE–
SENSE+
AUXON
AUXFB
PLLIN
POR
BOOST
TGL
SW
TGS
VIN
INTVCC
BG
PGND
EXTVCC
AUXDR
CLP
0.01
µF
CIN
22
µF/35V
× 2
EXT
CLOCK
+
COUT1
100
µF
10V
× 2
CC
510pF
M1
Si4412DY
M2
Si4412DY
MBRS140T3
SGND
(PIN 6)
1436 TA04
T1
10
µH
1:2.2
47k
RSENSE
0.025
Ω
VIN
4.5V TO 28V
VOUT2
12V
0.5A
VOUT1
3.3V
4A
M3
IRLML2803
M4, IRLL014
4.7
µF
0.01
µF
11.3k
1%k
100k
1%k
0.1
µF
CMDSH-3
CMDSH-3
LTC1436A-PLL
1000pF
COMP
ON/OFF
RC, 10k
RLP
10k
CC2
51pF
CSS
0.1
µF
COSC
68pF
COMPARATOR
+
CSEC
3.3
µF
35V
T1: DALE LPE6562-A092
LTC1436A-PLL 5V/3A Fixed Output with 12V/200mA Auxiliary Output
and Uncommitted Comparator
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
+
+
+
+
+
PLL LPF
COSC
RUN/SS
ITH
SFB
SGND
VPROG
VOSENSE
SENSE–
SENSE+
AUXON
AUXFB
PLLIN
POR
BOOST
TGL
SW
TGS
VIN
INTVCC
BG
PGND
EXTVCC
AUXDR
CLP
0.01
µF
CIN
22
µF
35V
× 2
EXT
CLOCK
CSEC
3.3
µF
35V
COUT
100
µF
10V
× 2
R1
100k
1%
R2
35.7k
1%
CC
510pF
OPEN
M1
Si4410DY
M2
Si4410DY
MBRS140T3
SGND
(PIN 6)
1436 TA03
T1
10
µH
1:1.6
47k
RSENSE
0.02
Ω
MBRS1100T3
VIN
4.5V TO 24V
ZETEX
FZT749
VOUT2
5V
0.2A
ITH
(PIN 4)
1N4148
VOUT
2.5V
5A
24V
M3
IRLML2803
4.7
µF
3.3
µF
R8
180k
R7
56k
R6
430k
R5
100k
51pF
0.1
µF
CMDSH-3
LTC1436A-PLL
100
Ω
100
Ω
1000pF
AUX
ON/OFF
RC, 10k
RLP
10k
CC2
51pF
CSS
0.1
µF
COSC
68pF
100pF
100pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com