Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1436AIGN Datasheet(PDF) 28 Page - Linear Technology

Part # LTC1436AIGN
Description  High Efficiency Low Noise Synchronous Step-Down Switching Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1436AIGN Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC1436AIGN Datasheet HTML 20Page - Linear Technology LTC1436AIGN Datasheet HTML 21Page - Linear Technology LTC1436AIGN Datasheet HTML 22Page - Linear Technology LTC1436AIGN Datasheet HTML 23Page - Linear Technology LTC1436AIGN Datasheet HTML 24Page - Linear Technology LTC1436AIGN Datasheet HTML 25Page - Linear Technology LTC1436AIGN Datasheet HTML 26Page - Linear Technology LTC1436AIGN Datasheet HTML 27Page - Linear Technology LTC1436AIGN Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
28
LTC1436A
LTC1436-PLL-A/LTC1437A
14367afa LT/TP 0898 REV A 2K • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1996
TYPICAL APPLICATION
LTC1437A 5V/3A Fixed Output with 12V Auxiliary Output
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
+
+
+
+
PLL LPF
COSC
RUN/SS
LBO
LBI
ITH
SFB
SGND
VPROG
VOSENSE
NC
SENSE–
SENSE+
AUXON
PLLIN
POR
BOOST
TGL
SW
TGS
VIN
INVCC
DRVCC
BG
PGND
EXTVCC
AUXDR
AUXFB
CLP
0.01
µF
CIN
22
µF
35V
× 2
EXT
CLOCK
CSEC
3.3
µF
35V
COUT
100
µF
10V
× 2
CC
510pF
INT VCC
M1
IRF7403
M2
IRF7403
MBRS140T3
SGND
(PIN 8)
1436 TA06
T1
22
µH
1:2.2
47k
RSENSE
0.03
Ω
MBRS1100T3
VIN
5.5V TO 28V
MMBT2907
VOUT2
12V
0.2A
VOUT
5V
3A
24V
M3
IRLML2803
4.7
µF
3.3
µF
R6
1M
T1: DALE LPE6562-A092
R5
100k
0.1
µF
CMDSH-3
LTC1437A
1000pF
AUX
ON/OFF
RC
10k
RLP
10k
CC2
51pF
CSS
0.1
µF
COSC
39pF
+
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1142HV/LTC1142
Dual High Efficiency Synchronous Step-Down Switching Regulators
Dual Synchronous, VIN ≤ 20V
LTC1148HV/LTC1148
High Efficiency Step-Down Switching Regulator Controllers
Synchronous, VIN ≤ 20V
LTC1159
High Efficiency Synchronous Step-Down Switching Regulator
Synchronous, VIN ≤ 40V, For Logic Threshold FETs
LT
®1375/LT1376
1.5A, 500kHz Step-Down Switching Regulators
High Frequency, Small Inductor, High Efficiency
Switchers, 1.5A Switch
LTC1430
High Power Step-Down Switching Regulator Controller
High Efficiency 5V to 3.3V Conversion at Up to 15A
LTC1435A
High Efficency, Low Noise Synchronous Step-Down
16-Pin Narrow SO and SSOP
Switching Regulator
LTC1438/LTC1439
Dual High Efficiency, Low Noise, Synchronous Step-Down
Full-Featured Dual Controllers
Switching Regulators
LT1510
Constant-Voltage/ Constant-Current Battery Charger
1.3A, Li-Ion, NiCd, NiMH, Pb-Acid Charger
LTC1538-AUX
Dual High Efficiency, Low Noise, Synchronous Step-Down
5V Standby in Shutdown
Switching Regulator
LTC1539
Dual High Efficiency, Low Noise, Synchronous Step-Down
5V Standby in Shutdown
Switching Regulator
LTC1706-19
VID Voltage Programmer
Intel Mobile Pentium
®II Compliant
Pentium is a registered trademark of Intel Corp.
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com