Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1436AIGN Datasheet(PDF) 25 Page - Linear Technology

Part # LTC1436AIGN
Description  High Efficiency Low Noise Synchronous Step-Down Switching Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1436AIGN Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC1436AIGN Datasheet HTML 20Page - Linear Technology LTC1436AIGN Datasheet HTML 21Page - Linear Technology LTC1436AIGN Datasheet HTML 22Page - Linear Technology LTC1436AIGN Datasheet HTML 23Page - Linear Technology LTC1436AIGN Datasheet HTML 24Page - Linear Technology LTC1436AIGN Datasheet HTML 25Page - Linear Technology LTC1436AIGN Datasheet HTML 26Page - Linear Technology LTC1436AIGN Datasheet HTML 27Page - Linear Technology LTC1436AIGN Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
25
LTC1436A
LTC1436A-PLL/LTC1437A
TYPICAL APPLICATIONS
Intel Mobile CPU VID Core Power Converter with 1.8V I/O Supply
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
+
+
+
+
+
COSC
RUN/SS
LBO
LBI
ITH
SFB
SGND
VPROG
VOSENSE
SENSE–
SENSE+
AUXON
POR
BOOST
TGL
SW
TGS
VIN
INTVCC
BG
PGND
EXTVCC
AUXDR
AUXFB
COSC
68pF
CIN
22
µF
35V
× 2
CSEC
3.3
µF
35V
COUT
100
µF
10V
× 2
CC
510pF
M1
S4412DY
M2
Si4412DY
MBRS140T3
SGND
(PIN 7)
1436 TA02
T1
10
µH
1:1
47k
RSENSE
0.025
Ω
MBRS1100T3
VIN
4.5V TO 28V
2N2905A
VOUT2
5V
100mA
VOUT
3.3V
4A
M3
IRLML2803
4.7
µF
3.3
µF
R8
180k
R7
56k
R6
430k
R5
100k
51pF
0.1
µF
CMDSH-3
LTC1436A
1000pF
AUX
ON/OFF
RC
10k
CC2
51pF
CSS
0.1
µF
24V
LTC1436A 3.3V/4A Fixed Output with 5V Auxiliary Output
1436 TA09
+
+
CC
220pF
100pF
RC
10k
CSS
0.1
µF
COSC
43pF
1000pF
AUX
ON/OFF
L1
3.3
µH
RSENSE
0.015
Ω
VIN
4.5V TO 22V
VCORE
1.3V TO 2V
7A
VIN2
3.3V
SGND
(PIN 6)
0.22
µF
0.1
µF
10k
CIN
22
µF
35V
X2
4.7
µF
M1
Si4410DY
M2
Si4410DY
*DB
D1
MBRS140T3
CC2
1000pF
4.7
Ω
+
COUT
820
µF
4V
× 2
VCC
FB
0
12
VID
LTC1706-19
FROM
µP
3
7
36
5
81 2
4
GND
SENSE
VIN
2
3
4
7
6
8
INTVCC
COSC
EXTERNAL
FREQUENCY
SYNCHRONIZATION
SGND
VPROG
PLL LPF
PLLIN
VOSENSE
TGL
TGS
SW
AUXDR
PGND
BG
BOOST
RUN/SS
ITH
SENSE+
AUXON
AUXFB
SENSE–
LTC1436A-PLL
VI/O
1.8V
150mA
M3
IRLML2803
18
124
0.1
µF
21
19
20
17
22
16
15
13
9
10
11
12
47k
10.5k
20k
51pF
MMBT2907L
47
µF
4V**
*CMDSH-3
**INPUT CAPACITOR MAY NOT BE NECESSARY IF
3.3V SUPPLY HAS SUFFICIENT CAPACITANCE
47
µF
4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com