Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1454CS Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1454CS
Description  Dual 12-Bit Rail-to-Rail Micropower DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1454CS Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1454CS Datasheet HTML 4Page - Linear Technology LTC1454CS Datasheet HTML 5Page - Linear Technology LTC1454CS Datasheet HTML 6Page - Linear Technology LTC1454CS Datasheet HTML 7Page - Linear Technology LTC1454CS Datasheet HTML 8Page - Linear Technology LTC1454CS Datasheet HTML 9Page - Linear Technology LTC1454CS Datasheet HTML 10Page - Linear Technology LTC1454CS Datasheet HTML 11Page - Linear Technology LTC1454CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC1454/LTC1454L
TYPICAL APPLICATION
©LINEAR TECHNOLOGY CORPORATION 1996
1454lf LT/TP 0397 7K • PRINTED IN USA
VOUT B
VCC
REFHI B
GND
REFLO
REFHI A
REFOUT
VCC
LTC1454
LTC1454L
1454 TA01
X1/X2 B
CLR
CLK
DIN
CS/LD
DOUT
X1/X2 A
VOUT A
TO NEXT DAC
FOR DAISY-CHAINING
OUTPUT A
LTC1454: 0V TO 4.095V
LTC1454L: 0V TO 2.5V
LTC1454: 2.048V
LTC1454L: 1.22V
OUTPUT B
LTC1454: 0V TO 4.095V
LTC1454L: 0V TO 2.5V
LTC1454: 4.5V TO 5.5V
LTC1454L: 2.7V TO 5.5V
0.1
µF
µP
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1257
Single 12-Bit VOUT DAC, Full Scale: 2.048V, VCC: 4.75V to 15.75V,
5V to 15V Single Supply, Complete VOUT DAC in
Reference Can Be Overdriven up to 12V, i.e., FSMAX = 12V
SO-8 Package
LTC1446/LTC1446L
Dual 12-Bit Rail-to-Rail Output DACs in an SO-8 Package
LTC1446: VCC = 4.5V to 5.5V, VOUT = 0V to 4.095V
LTC1446L: VCC = 2.7V to 5.5V, VOUT = 0V to 2.5V
LTC1450/LTC1450L
Single 12-Bit Rail-to-Rail Output DACs with Parallel Interface
LTC1450: VCC = 4.5V to 5.5V, VOUT = 0V to 4.095V
LTC1450L: VCC = 2.7V to 5.5V, VOUT = 0V to 2.5V
LTC1451
Single 12-Bit DAC, Full Scale: 4.095V, VCC: 4.5V to 5.5V
Low Power, Complete VOUT DAC in SO-8 Package
LTC1452
Single 12-Bit Rail-to-Rail Output VOUT Multiplying DAC,
Low Power, Multiplying VOUT DAC with Rail-to-Rail
VCC: 2.7V to 5.5V
Buffer Amplifier in SO-8 Package
LTC1453
Single 12-Bit VOUT DAC, Full Scale: 2.5V, VCC: 2.7V to 5.5V
3V, Low Power, Complete VOUT DAC in SO-8 Package
LTC1456
Single Rail-to-Rail Output 12-Bit DAC with Clear Pin,
Low Power, Complete VOUT DAC in SO-8 Package, with
Full Scale: 4.095V, VCC: 4.5V to 5.5V
Clear Pin
LTC1458/LTC1458L
Quad 12-Bit Rail-to-Rail Output DACs
LTC1458: VCC = 4.5V to 5.5V, VOUT = 0V to 4.095V
LTC1458L: VCC = 2.7V to 5.5V, VOUT = 0V to 2.5V
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com