Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1454CS Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1454CS
Description  Dual 12-Bit Rail-to-Rail Micropower DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1454CS Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1454CS Datasheet HTML 3Page - Linear Technology LTC1454CS Datasheet HTML 4Page - Linear Technology LTC1454CS Datasheet HTML 5Page - Linear Technology LTC1454CS Datasheet HTML 6Page - Linear Technology LTC1454CS Datasheet HTML 7Page - Linear Technology LTC1454CS Datasheet HTML 8Page - Linear Technology LTC1454CS Datasheet HTML 9Page - Linear Technology LTC1454CS Datasheet HTML 10Page - Linear Technology LTC1454CS Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1454/LTC1454L
DEFI ITIO S
LSB = (VFS – VOS)/(2n – 1) = (VFS – VOS)/4095
Nominal LSBs:
LTC1454
LSB = 4.095V/4095 = 1mV
LTC1454L
LSB = 2.5V/4095 = 0.610mV
Integral Nonlinearity (INL): End-point INL is the maxi-
mum deviation from a straight line passing through the
end-points of the DAC transfer curve. Because the part
operates from a single supply and the output cannot go
below zero, the linearity is measured between full scale
and the code corresponding to the maximum offset speci-
fication. The INL error at a given input code is calculated
as follows:
INL
= [VOUT – VOS – (VFS – VOS)(Code/4095)]/LSB
VOUT = The output voltage of the DAC measured at
the given input code
Differential Nonlinearity (DNL): DNL is the difference
between the measured change and the ideal 1LSB change
between any two adjacent codes. The DNL error between
any two codes is calculated as follows:
DNL
= (
∆VOUT – LSB)/LSB
∆VOUT = The measured voltage difference between
two adjacent codes
Digital Feedthrough: The glitch that appears at the analog
output caused by AC coupling from the digital inputs when
they change state. The area of the glitch is specified in
(nV)(sec).
Resolution (n): Resolution is defined as the number of
digital input bits, n. It defines the number of DAC output
states (2n) that divide the full-scale range. The resolution
does not imply linearity.
Full-Scale Voltage (VFS): This is the output of the DAC
when all bits are set to 1.
Voltage Offset Error (VOS): The theoretical voltage at the
output when the DAC is loaded with all zeros. The output
amplifier can have a true negative offset, but because the
part is operated from a single supply, the output cannot go
below zero. If the offset is negative, the output will remain
near 0V resulting in the transfer curve shown in Figure 1.
DAC CODE
LTC1454/5 • F01
OUTPUT
VOLTAGE
NEGATIVE
OFFSET
0V
Figure 1. Effect of Negative Offset
The offset of the part is measured at the code that corre-
sponds to the maximum offset specification:
VOS = VOUT – (Code)(VFS)/(2
n – 1)
Least Significant Bit (LSB): One LSB is the ideal voltage
difference between two successive codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com