Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1454CS Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1454CS
Description  Dual 12-Bit Rail-to-Rail Micropower DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1454CS Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1454CS Datasheet HTML 2Page - Linear Technology LTC1454CS Datasheet HTML 3Page - Linear Technology LTC1454CS Datasheet HTML 4Page - Linear Technology LTC1454CS Datasheet HTML 5Page - Linear Technology LTC1454CS Datasheet HTML 6Page - Linear Technology LTC1454CS Datasheet HTML 7Page - Linear Technology LTC1454CS Datasheet HTML 8Page - Linear Technology LTC1454CS Datasheet HTML 9Page - Linear Technology LTC1454CS Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1454/LTC1454L
LD
LD
12-BIT
DAC B
REGISTER
12-BIT
DAC A
REGISTER
POWER-ON
RESET
3
4
5
6
15
13
12
11
10
9
DAC B
DAC A
–
+
A
B
REFERENCE
LTC1454: 2.048V
LTC1454L: 1.22V
X1/X2 B
R
R
CLK
DIN
CS/LD
DOUT
VOUT A
VOUT B
VCC
REFHI B
GND
REFLO
REFHI A
REFOUT
VCC
1454 BD01
1
CLR
2
X1/X2 A
7
8
16
R
R
24-BIT
SHIFT
REGISTER
14
I
DAGRA
BLOCK
TI I G DIAGRA
B11 A
MSB
B11 B
MSB
B0 A
LSB
t1
t6
B0 B
LSB
B11 A
CURRENT WORD
t7
t2
t4
t3
t8
CLK
DIN
DOUT
CS/LD
t5
1454/5 • TD01
B0 B
PREVIOUS WORD
B11 A
PREVIOUS WORD
B10 A
PREVIOUS WORD
B0 A
PREVIOUS WORD
B11 B
PREVIOUS WORD
B0 B
PREVIOUS WORD
t 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com