Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1454CS Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1454CS
Description  Dual 12-Bit Rail-to-Rail Micropower DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1454CS Datasheet(HTML) 5 Page - Linear Technology

  LTC1454CS Datasheet HTML 1Page - Linear Technology LTC1454CS Datasheet HTML 2Page - Linear Technology LTC1454CS Datasheet HTML 3Page - Linear Technology LTC1454CS Datasheet HTML 4Page - Linear Technology LTC1454CS Datasheet HTML 5Page - Linear Technology LTC1454CS Datasheet HTML 6Page - Linear Technology LTC1454CS Datasheet HTML 7Page - Linear Technology LTC1454CS Datasheet HTML 8Page - Linear Technology LTC1454CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1454/LTC1454L
X1/X2 B, X1/ X2 A (Pins 1, 7): The Input Pin that Sets the
Gain for DAC A/B. When grounded the gain will be 2, i.e.,
output full scale will be
×2 REFHI. When connected to
VOUT the gain will be 1, i.e., output full scale will be equal
to REFHI.
CLR (Pin 2): The Clear Pin for the DAC. Clears both DACs
to zero scale when pulled low. This pin should be tied to
VCC for normal operation.
CLK (Pin 3): The Serial Interface Clock Input.
DIN (Pin 4): The Serial Data Input. Data on the DIN pin is
latched into the shift register on the rising edge of the serial
clock. Data is loaded as one 24-bit word. The first 12 bits
are for DAC A, MSB-first and the second 12 bits are for
DAC B, MSB-first.
CS/LD (Pin 5): The Serial Interface Enable and Load
Control Input. When CS/LD is low the CLK signal is
enabled so the data can be clocked in. When CS/LD is
PIN FUNCTIONS
pulled high, data is loaded from the shift register into the
DAC register, updating the DAC output.
DOUT (Pin 6): The Output of the Shift Register which
Becomes Valid on the Rising Edge of the Serial Clock.
VOUT A, VOUT B (Pins 8, 16): The Buffered DAC Outputs.
VCC (Pins 9, 15): The Positive Supply Input. 4.5 ≤ VCC
≤ 5.5V (LTC1454), 2.7V ≤ VCC ≤ 5.5V (LTC1454L). Re-
quires a bypass capacitor to ground.
REFOUT (Pin 10): The Output of the Internal Reference.
REFHI A , REFHI B (Pins 11,14): The Inputs to the DAC
Resistor Ladder for DAC A/B.
REFLO (Pin 12): The Bottom of the DAC Resistor Ladder
for Both DACs. This can be used to offset zero-scale above
ground. REFLO should be connected to ground when no
offset is required.
GND (Pin 13): Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com