Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1484CS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1484CS8
Description  Low Power RS485 Transceiver with Receiver Fail-Safe
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1484CS8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1484CS8 Datasheet HTML 4Page - Linear Technology LTC1484CS8 Datasheet HTML 5Page - Linear Technology LTC1484CS8 Datasheet HTML 6Page - Linear Technology LTC1484CS8 Datasheet HTML 7Page - Linear Technology LTC1484CS8 Datasheet HTML 8Page - Linear Technology LTC1484CS8 Datasheet HTML 9Page - Linear Technology LTC1484CS8 Datasheet HTML 10Page - Linear Technology LTC1484CS8 Datasheet HTML 11Page - Linear Technology LTC1484CS8 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LTC1484
RO (Pin 1): Receiver Output. If the receiver output is en-
abled (RE low) and the part is not in shutdown, RO is high
if (A – B) > VTH(MAX) and low if (A – B) < VTH(MIN). RO is
also high if the receiver inputs are open or shorted to-
gether, with or without a termination resistor.
RE (Pin 2): Receiver Output Enabled. A high on this pin
three-states the receiver output (RO) and a low enables it.
DE (Pin 3): Driver Enable Input. DE = high enables the
output of the driver with the driver outputs determined by
TYPICAL PERFOR A CE CHARACTERISTICS
Driver Output High Voltage vs
Output Current
Driver Output Low Voltage vs
Output Current
Driver Propagation Delay vs
Temperature
Driver Short-Circuit Current vs
Temperature
Driver Skew vs Temperature
Driver Propagation Delay vs
Supply Voltage
OUTPUT CURRENT (mA)
–100 –90 –80 –70 –60 –50 –40 –30 –20 –10 0
1484 G31
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
VCC = 4.75V
OUTPUT CURRENT (mA)
0
10 20 30 40 50 60 70 80 90 100
1484 G32
3.0
2.5
2.0
1.5
1.0
0.5
0
VCC = 4.75V
TEMPERATURE (
°C)
–55
1484 G33
50
45
40
35
30
25
20
15
10
5
0
VCC = 5V
tPHL
tPLH
–35 –15
5
25
45
65
85 105 125
TEMPERATURE (
°C)
–55
1484 G34
250
200
150
100
50
0
VCC = 5.25V
DRIVER OUTPUT HIGH
SHORT TO –7V
DRIVER OUTPUT LOW
SHORT TO 10V
–35 –15
5
25
45
65
85 105 125
TEMPERATURE (
°C)
–55
1484 G35
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–35 –15
5
25
45
65
85 105 125
SUPPLY VOLTAGE (V)
4.5
4.75
5
5.25
5.5
1484 G36
40
35
30
25
20
15
10
5
0
TA = 25°C
tPHL
tPLH
PIN FUNCTIONS
the DI pin. DE = low forces the driver outputs into a high
impedance state. The LTC1484 enters shutdown when
both receiver and driver outputs are disabled (RE is high
and DE is low).
DI (Pin 4): Driver Input. When the driver outputs are
enabled (DE high), DI high takes the A output high and the
B output low. DI low takes the A output low and the B
output high.
GND (Pin 5): Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com