Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1484CS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1484CS8
Description  Low Power RS485 Transceiver with Receiver Fail-Safe
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1484CS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1484CS8 Datasheet HTML 5Page - Linear Technology LTC1484CS8 Datasheet HTML 6Page - Linear Technology LTC1484CS8 Datasheet HTML 7Page - Linear Technology LTC1484CS8 Datasheet HTML 8Page - Linear Technology LTC1484CS8 Datasheet HTML 9Page - Linear Technology LTC1484CS8 Datasheet HTML 10Page - Linear Technology LTC1484CS8 Datasheet HTML 11Page - Linear Technology LTC1484CS8 Datasheet HTML 12Page - Linear Technology LTC1484CS8 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LTC1484
PIN FUNCTIONS
A (Pin 6): Driver Output/Receiver Input. The input resis-
tance is typically 22k when the driver is disabled (DE = 0).
When the driver is enabled, the A output follows the logic
level at the DI pin.
B (Pin 7): Driver Output/Receiver Input. The input resis-
tance is typically 22k when the driver is disabled (DE = 0).
When the driver is enabled, the B output is inverted from
the logic level at the DI pin.
VCC (Pin 8): Positive Supply. 4.75V ≤ VCC ≤ 5.25V. A 0.1µF
bypass capacitor is recommended.
Driver
INPUTS
OUTPUTS
RE
DE
DI
B
A
X1
1
0
1
X1
0
1
0
O0
X
Z
Z
10
X
Z*
Z*
FU CTIO TABLES
Receiver
INPUTS
OUTPUTS
RE
DE
A – B
RO
00
≥VTH(MAX)
1
00
≤VTH(MIN)
0
0
0
Inputs Open
1
0
0
Inputs Shorted
1
1X
X
Z†
TEST CIRCUITS
OUTPUT
UNDER
TEST
CL
S1
S2
VCC
500
Ω
1484 F05
OUTPUT
UNDER
TEST
CRL
1k
S1
S2
VCC
1k
1484 F03
Figure 3
Figure 5
DE
RE
A
B
DI
CL1
RDIFF
CL2
RO
15pF
A
B
1484 F04
Figure 4
Note: Z = high impedance, X = don’t care
*Shutdown mode for LTC1484
†Shutdown mode for LTC1484 if DE = 0. Table valid with or without
termination resistors.
VOD1
VOD2
A
B
R
R
VOC
1484 F01
Figure 1
VOD3
A
B
375
Ω
375
Ω
60
Ω
–7V TO 12V
1484 F02
Figure 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com