Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1484CS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1484CS8
Description  Low Power RS485 Transceiver with Receiver Fail-Safe
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1484CS8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1484CS8 Datasheet HTML 2Page - Linear Technology LTC1484CS8 Datasheet HTML 3Page - Linear Technology LTC1484CS8 Datasheet HTML 4Page - Linear Technology LTC1484CS8 Datasheet HTML 5Page - Linear Technology LTC1484CS8 Datasheet HTML 6Page - Linear Technology LTC1484CS8 Datasheet HTML 7Page - Linear Technology LTC1484CS8 Datasheet HTML 8Page - Linear Technology LTC1484CS8 Datasheet HTML 9Page - Linear Technology LTC1484CS8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1484
TYPICAL PERFOR A CE CHARACTERISTICS
Receiver Short-Circuit Current vs
Temperature
Receiver Propagation Delay vs
Temperature
Receiver Skew vs Temperature
Receiver Propagation Delay vs
Supply Voltage
Shutdown Supply Current vs
Temperature
Shutdown Supply Current vs
Supply Voltage
Supply Current vs Temperature
Supply Current vs Supply Voltage
Logic Input Threshold vs
Temperature
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
1484 G13
100
90
80
70
60
50
40
30
20
10
0
VCC = 5.25V
OUTPUT LOW
SHORT TO VCC
OUTPUT HIGH
SHORT TO GROUND
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
1484 G14
200
180
160
140
120
100
80
60
40
20
0
VCC = 5V
tPLH
tPHL
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
1484 G15
30
25
20
15
10
5
0
VCC = 5V
SUPPLY VOLTAGE (V)
4.5
4.75
5
5.25
5.5
1484 G16
200
180
160
140
120
100
TA = 25°C
tPLH
tPHL
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
1484 G17
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
VCC = 5V
DE = DI = 0
RE = 5V
SUPPLY VOLTAGE (V)
4.5 4.6 4.7 4.8 4.9
5
5.1 5.2 5.3 5.4 5.5
1484 G18
1.00
0.95
0.90
0.85
0.80
0.75
0.70
0.65
0.60
0.55
0.50
TA = 25°C
TEMPERATURE (
°C)
–55 –30 –5
20
45
70
95 120 145 170
1484 G19
1000
900
800
700
600
500
400
300
200
100
0
VCC = 5V
DRIVER ENABLED
NO LOAD
THERMAL SHUTDOWN
WITH DRIVER
ENABLED
DRIVER DISABLED
SUPPLY VOLTAGE (V)
4.5 4.6 4.7 4.8 4.9
5
5.1 5.2 5.3 5.4 5.5
1484 G20
700
600
500
400
300
200
100
0
TA = 25°C
DRIVER ENABLED
NO LOAD
DRIVER DISABLED
TEMPERATURE (
°C)
–55
1484 G21
2.00
1.95
1.90
1.85
1.80
1.75
1.70
1.65
1.60
1.55
1.50
VCC = 5.25V
VCC = 4.75V
VCC = 5V
–35 –15
5
25
45
65
85 105 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com