Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1484CS8 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1484CS8
Description  Low Power RS485 Transceiver with Receiver Fail-Safe
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1484CS8 Datasheet(HTML) 2 Page - Linear Technology

  LTC1484CS8 Datasheet HTML 1Page - Linear Technology LTC1484CS8 Datasheet HTML 2Page - Linear Technology LTC1484CS8 Datasheet HTML 3Page - Linear Technology LTC1484CS8 Datasheet HTML 4Page - Linear Technology LTC1484CS8 Datasheet HTML 5Page - Linear Technology LTC1484CS8 Datasheet HTML 6Page - Linear Technology LTC1484CS8 Datasheet HTML 7Page - Linear Technology LTC1484CS8 Datasheet HTML 8Page - Linear Technology LTC1484CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC1484
ABSOLUTE MAXIMUM RATINGS
(Note 1)
Supply Voltage (VCC)............................................... 6.5V
Control Input Voltages ................. – 0.3V to (VCC + 0.3V)
Driver Input Voltage ..................... – 0.3V to (VCC + 0.3V)
Driver Output Voltages ................................. – 7V to 10V
Receiver Input Voltages (Driver Disabled) .. –12V to 14V
Receiver Output Voltage ............... – 0.3V to (VCC + 0.3V)
Junction Temperature .......................................... 125
°C
Operating Temperature Range
LTC1484C ......................................... 0
°C ≤ TA ≤ 70°C
LTC1484I ...................................... – 40
°C ≤ TA ≤ 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V ±5% (Notes 2 and 3) unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOD1
Differential Driver Output Voltage (Unloaded)
IOUT = 0
q
VCC
V
VOD2
Differential Driver Output Voltage (with Load)
R = 50
Ω (RS422)
q
2V
R = 27
Ω (RS485) Figure 1
q
1.5
5
V
R = 22
Ω, Figure 1
q
1.5
5
V
VOD3
Differential Driver Output Voltage
VTST = – 7V to 12V, Figure 2
q
1.5
5
V
(with Common Mode)
∆VOD
Change in Magnitude of Driver Differential
R = 22
Ω, 27Ω or R = 50Ω, Figure 1
q
0.2
V
Output Voltage for Complementary Output States
VTST = – 7V to 12V, Figure 2
VOC
Driver Common Mode Output Voltage
R = 22
Ω, 27Ω or R = 50Ω, Figure 1
q
3V
∆|VOC|
Change in Magnitude of Driver Common Mode
R = 22
Ω, 27Ω or R = 50Ω, Figure 1
q
0.2
V
Output Voltage for Complementary Output States
VIH
Input High Voltage
DE, DI, RE
q
2.0
V
VIL
Input Low Voltage
DE, DI, RE
q
0.8
V
IIN1
Input Current
DE, DI, RE
q
±2
µA
IIN2
Input Current (A, B)
DE = 0, VCC = 0 or 5V, VIN = 12V
q
1.0
mA
DE = 0, VCC = 0 or 5V, VIN = – 7V
q
– 0.8
mA
VTH
Differential Input Threshold Voltage for Receiver
– 7V
≤ VCM ≤ 12V, DE = 0
q
– 0.20
– 0.015
V
ELECTRICAL CHARACTERISTICS
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
ORDER PART
NUMBER
LTC1484CMS8
LTC1484CN8
LTC1484CS8
LTC1484IN8
LTC1484IS8
S8 PART MARKING
1484
1484I
MS8 PART MARKING
LTDX
TJMAX = 125°C, θJA = 200°C/ W
TJMAX = 125°C, θJA = 130°C/ W (N8)
TJMAX = 125°C, θJA = 135°C/ W (S8)
Consult factory for Military grade parts.
1
2
3
4
RO
RE
DE
DI
8
7
6
5
VCC
B
A
GND
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
1
2
3
4
8
7
6
5
TOP VIEW
RO
RE
DE
DI
VCC
B
A
GND
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
R
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com