Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3092 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3092
Description  200mA 2-Terminal Programmable Current Source
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3092 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3092 Datasheet HTML 3Page - Linear Technology LT3092 Datasheet HTML 4Page - Linear Technology LT3092 Datasheet HTML 5Page - Linear Technology LT3092 Datasheet HTML 6Page - Linear Technology LT3092 Datasheet HTML 7Page - Linear Technology LT3092 Datasheet HTML 8Page - Linear Technology LT3092 Datasheet HTML 9Page - Linear Technology LT3092 Datasheet HTML 10Page - Linear Technology LT3092 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LT3092
7
3092fb
PIN FUNCTIONS (DD/ST/TS8)
IN (Pins 7, 8/Pin 3/Pins 7, 8): Input. This pin supplies
power to bias internal circuitry and supply output load
current. For the device to operate properly and regulate,
the voltage on this pin must be 1.2V to 1.4V above the
OUT pin (depending on output load current—see the
dropout voltage specifications in the Electrical Charac-
teristics table).
NC (Pins 3, 5, 6/NA/Pins 1, 6): No Connection. These
pins have no connection to internal circuitry and may be
tied to IN, OUT, GND or floated.
OUT (Pins 1, 2/Pin 2/Pins 2, 3, 4): Output. This is the
power output of the device. The minimum current source
value to which the LT3092 can be set is 0.5mA or the
device will not regulate.
SET (Pin 4/Pin 1/Pin 5): Set. This pin is the error ampli-
fier’s noninverting input and also sets the operating bias
point of the circuit. A fixed 10μA current source flows out
of this pin. Two resistors program IOUT as a function of
the resistor ratio relative to 10μA. Output current range
is 0.5mA to the maximum rated 200mA level.
Exposed Pad/Tab (Pin 9/Tab/NA): Output. The Exposed
Pad of the DFN package and the Tab of the SOT-223
package are tied internally to OUT. Tie them directly to
the OUT pins (Pins 1, 2/Pin 2) at the PCB. The amount
of copper area and planes connected to OUT determine
the effective thermal resistance of the packages (see the
Applications Information section).
BLOCK DIAGRAM
IN
SET
OUT
10μA
3092 BD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com