Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3092 Datasheet(PDF) 12 Page - Linear Technology

Part # LT3092
Description  200mA 2-Terminal Programmable Current Source
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3092 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT3092 Datasheet HTML 8Page - Linear Technology LT3092 Datasheet HTML 9Page - Linear Technology LT3092 Datasheet HTML 10Page - Linear Technology LT3092 Datasheet HTML 11Page - Linear Technology LT3092 Datasheet HTML 12Page - Linear Technology LT3092 Datasheet HTML 13Page - Linear Technology LT3092 Datasheet HTML 14Page - Linear Technology LT3092 Datasheet HTML 15Page - Linear Technology LT3092 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
LT3092
12
3092fb
APPLICATIONS INFORMATION
Quieting the Noise
When a reduction in the noise of the current source is
desired, a small capacitor can be placed across RSET (CSET
in Figure 7). Normally, the 10μA reference current source
generates noise current levels of 2.7pA/√Hz (0.7nARMS
over the 10Hz to 100kHz bandwidth). The SET pin resistor
generates a spot noise equal to in =√4kT/R(k = Boltzmann’s
constant, 1.38 • 10–23J/°K, and T is absolute temperature)
which is RMS-summed with the noise generated by the
10μA reference current source. Placing a CSET capacitor
across RSET (as shown in Figure 7) bypasses this noise
current. Note that this noise reduction capacitor increases
start-up time as a factor of the time constant formed by
RSET • CSET. When using a capacitor across the SET pin
resistor, the external pole introduced usually requires
compensation to maintain stability. See the Stability and
Frequency Compensation section for detailed descriptions
on compensating LT3092 circuits.
A curve in the Typical Performance Characteristics section
depicts noise spectral density for the reference current
over a 10Hz to 100kHz bandwidth.
Paralleling Devices
Obtain higher output current by paralleling multiple
LT3092’s together. The simplest application is to run
two current sources side by side and tie their inputs
together and their outputs together, as shown in Figure
8. This allows the sum of the current sources to deliver
more output current than a single device is capable of
delivering.
Another method of paralleling devices requires fewer
components and helps to share power between devices.
Tie the individual SET pins together and tie the individual
IN pins together. Connect the outputs in common using
small pieces of PC trace as ballast resistors to promote
equal current sharing. PC trace resistance in milliohms/
inch is shown in Table 1. Ballasting requires only a tiny
area on the PCB.
Table 1. PC Board Trace Resistance
WEIGHT (oz)
10mil WIDTH
20mil WIDTH
1
54.3
27.1
2
27.1
13.6
Trace resistance is measured in mΩ/in
The worst-case room temperature offset, only ±2mV be-
tween the SET pin and the OUT pin, allows the use of very
small ballast resistors.
As shown in Figure 9, each LT3092 has a small 40mΩ
ballast resistor, which at full output current gives better
than 80% equalized sharing of the current. The external
resistance of 40mΩ (20mΩ for the two devices in paral-
lel) only adds about 8mV of output voltage compliance at
an output of 0.4A. Of course, paralleling more than two
LT3092’s yields even higher output current. Spreading the
device on the PC board also spreads the heat. Series input
resistors can further spread the heat if the input-to-output
difference is high.
Thermal Considerations
The LT3092’s internal power and thermal limiting circuitry
protects itself under overload conditions. For continuous
normal load conditions, do not exceed the 125°C maximum
junction temperature. Carefully consider all sources of
thermal resistance from junction-to-ambient. This includes
(but is not limited to) junction-to-case, case-to-heat sink
Figure 7. Adding CSET Lowers Current Noise
3092 F07
IN
SET
OUT
+
–
LT3092
10μA
CCOMP OR
RSET
ROUT
RCOMP
CCOMP
CSET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com