Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3092 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3092
Description  200mA 2-Terminal Programmable Current Source
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3092 Datasheet(HTML) 3 Page - Linear Technology

  LT3092 Datasheet HTML 1Page - Linear Technology LT3092 Datasheet HTML 2Page - Linear Technology LT3092 Datasheet HTML 3Page - Linear Technology LT3092 Datasheet HTML 4Page - Linear Technology LT3092 Datasheet HTML 5Page - Linear Technology LT3092 Datasheet HTML 6Page - Linear Technology LT3092 Datasheet HTML 7Page - Linear Technology LT3092 Datasheet HTML 8Page - Linear Technology LT3092 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LT3092
3
3092fb
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Unless otherwise specified, all voltages are with respect to VOUT.
The LT3092E is tested and specified under pulse load conditions such
that TJ ≅ TA. The LT3092E is 100% tested at TA = 25°C. Performance at
–40°C and 125°C is assured by design, characterization, and correlation
with statistical process controls. The LT3092I is guaranteed to meet all
data sheet specifications over the full –40°C to 125°C operating junction
temperature range. The LT3092MP is 100% tested and guaranteed over
the –55°C to 125°C operating junction temperature range.
Note 3: Minimum load current is equivalent to the quiescent current of
the part. Since all quiescent and drive current is delivered to the output
of the part, the minimum load current is the minimum current required to
maintain regulation.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SET Pin Current
ISET
VIN = 2V, ILOAD = 1mA
2V ≤ VIN ≤ 40V, 1mA ≤ ILOAD ≤ 200mA
l
9.9
9.8
10
10
10.1
10.2
μA
μA
Offset Voltage (VOUT – VSET)
VOS
VIN = 2V, ILOAD = 1mA
VIN = 2V, ILOAD = 1mA
l
–2
–4
2
4
mV
mV
Current Regulation (Note 7)
ΔISET
ΔVOS
ΔILOAD = 1mA to 200mA
ΔILOAD = 1mA to 200mA
l
–0.1
–0.5
–2
nA
mV
Line Regulation
ΔISET
ΔVOS
ΔVIN = 2V to 40V, ILOAD = 1mA
ΔVIN = 2V to 40V, ILOAD = 1mA
0.03
0.003
0.2
0.010
nA/V
mV/V
Minimum Load Current (Note 3)
2V ≤ VIN ≤ 40V
l
300
500
μA
Dropout Voltage (Note 4)
ILOAD = 10mA
ILOAD = 200mA
l
l
1.22
1.3
1.45
1.65
V
V
Current Limit
VIN = 5V, VSET = 0V, VOUT = –0.1V
l
200
300
mA
Reference Current RMS Output Noise (Note 5)
10Hz ≤ f ≤ 100kHz
0.7
nARMS
Ripple Rejection
f = 120Hz, VRIPPLE = 0.5VP-P, ILOAD = 0.1A,
CSET = 0.1μF, COUT = 2.2μF
f = 10kHz
f = 1MHz
90
75
20
dB
dB
dB
Thermal Regulation
ISET
10ms Pulse
0.003
%/W
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TJ = 25°C. (Note 2)
Note 4: For the LT3092, dropout is specified as the minimum input-to-
output voltage differential required supplying a given output current.
Note 5: Adding a small capacitor across the reference current resistor
lowers output noise. Adding this capacitor bypasses the resistor shot noise
and reference current noise (see the Applications Information section).
Note 6: Diodes with series 1k resistors clamp the SET pin to the OUT pin.
These diodes and resistors only carry current under transient overloads.
Note 7: Current regulation is Kelvin-sensed at the package.
Note 8: This IC includes overtemperature protection that protects the
device during momentary overload conditions. Junction temperature
exceeds the maximum operating junction temperature when
overtemperature protection is active. Continuous operation above the
specified maximum operating junction temperature may impair device
reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com