Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3092 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3092
Description  200mA 2-Terminal Programmable Current Source
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3092 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3092 Datasheet HTML 14Page - Linear Technology LT3092 Datasheet HTML 15Page - Linear Technology LT3092 Datasheet HTML 16Page - Linear Technology LT3092 Datasheet HTML 17Page - Linear Technology LT3092 Datasheet HTML 18Page - Linear Technology LT3092 Datasheet HTML 19Page - Linear Technology LT3092 Datasheet HTML 20Page - Linear Technology LT3092 Datasheet HTML 21Page - Linear Technology LT3092 Datasheet HTML 22Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
LT3092
19
3092fb
DD Package
8-Lead Plastic DFN (3mm
× 3mm)
(Reference LTC DWG # 05-08-1698)
PACKAGE DESCRIPTION
ST Package
3-Lead Plastic SOT-223
(Reference LTC DWG # 05-08-1630)
3.00
±0.10
(4 SIDES)
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION
ON TOP AND BOTTOM OF PACKAGE
NOTE:
1. DRAWING TO BE MADE A JEDEC PACKAGE OUTLINE M0-229 VARIATION OF (WEED-1)
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
0.38
± 0.10
BOTTOM VIEW—EXPOSED PAD
1.65
± 0.10
(2 SIDES)
0.75
±0.05
R = 0.115
TYP
2.38
±0.10
(2 SIDES)
1
4
8
5
PIN 1
TOP MARK
(NOTE 6)
0.200 REF
0.00 – 0.05
(DD) DFN 1203
0.25
± 0.05
2.38
±0.05
(2 SIDES)
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
1.65
±0.05
(2 SIDES)
2.15
±0.05
0.50 BSC
0.675
±0.05
3.5
±0.05
PACKAGE
OUTLINE
0.25
± 0.05
0.50 BSC
.114 – .124
(2.90 – 3.15)
.248 – .264
(6.30 – 6.71)
.130 – .146
(3.30 – 3.71)
.264 – .287
(6.70 – 7.30)
.0905
(2.30)
BSC
.033 – .041
(0.84 – 1.04)
.181
(4.60)
BSC
.024 – .033
(0.60 – 0.84)
.071
(1.80)
MAX
10
MAX
.012
(0.31)
MIN
.0008 – .0040
(0.0203 – 0.1016)
10 – 16
.010 – .014
(0.25 – 0.36)
10 – 16
RECOMMENDED SOLDER PAD LAYOUT
ST3 (SOT-233) 0502
.129 MAX
.059 MAX
.059 MAX
.181 MAX
.039 MAX
.248 BSC
.090
BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com