Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1541CS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1541CS8
Description  Micropower Op Amp, Comparator and Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1541CS8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1541CS8 Datasheet HTML 4Page - Linear Technology LTC1541CS8 Datasheet HTML 5Page - Linear Technology LTC1541CS8 Datasheet HTML 6Page - Linear Technology LTC1541CS8 Datasheet HTML 7Page - Linear Technology LTC1541CS8 Datasheet HTML 8Page - Linear Technology LTC1541CS8 Datasheet HTML 9Page - Linear Technology LTC1541CS8 Datasheet HTML 10Page - Linear Technology LTC1541CS8 Datasheet HTML 11Page - Linear Technology LTC1541CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC1541/LTC1542
AMPOUT (Pin 1): Op Amp Output. The output can swing
from rail-to-rail while driving a capacitive load of up to
1000pF. The output can source and sink 0.7mA (min).
AMPIN– (Pin 2): Inverting Input of Op Amp. The input
common mode ranges from VSS to (VCC – 1.3V). The input
current is typically 10pA at 25
°C.
AMPIN+ (Pin 3): Noninverting Input of Op Amp. The input
common mode ranges from VSS to (VCC – 1.3V). The input
current is typically 10pA at 25
°C.
VSS (Pin 4): Negative Supply or Ground Connection.
COMPIN+ (Pin 5): Noninverting Input of Comparator. The
input common mode ranges from VSS to (VCC – 1.3V). The
input current is typically 10pA at 25
°C.
REF (Pin 6) (LTC1541): Reference Output. VREF = 1.2V
±1% over industrial temperature range, and is also con-
nected to inverting comparator input internally. This de-
vice can source up to 2mA and sink up to 20
µA. The output
can drive a bypass capacitor of up to 0.01
µF without
oscillation.
COMPIN– (Pin 6) (LTC1542): Inverting Input of Compara-
tor. The input common mode ranges from VSS to
(VCC – 1.3V). The input current is typically 10pA at 25°C.
COMPOUT (Pin 7): Comparator Output. The output can
source 20mA and sink 5mA.
VCC (Pin 8): Positive Supply, 2.5V ≤ VCC ≤ 12.6V. The supply
bypass capacitors are not required if the supply impedance
is low. For single supply applications, it is a good general
practice to bypass VCC with a 0.1µF capacitor to ground.
PIN FUNCTIONS
BLOCK DIAGRA S
+
–
7
8
6
5
1
2
3
4
LTC1542
LTC1542 • BD
–
+
COMPIN+
COMPIN–
COMPOUT
VCC
COMP
OP AMP
AMPOUT
AMPIN–
AMPIN+
VSS
+
–
7
8
5
1
2
3
4
LTC1541
LTC1541 • BD
–
+
COMPIN+
6
REF
COMPOUT
VCC
COMP
OP AMP
AMPOUT
AMPIN–
AMPIN+
VSS
×1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com