Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1541CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1541CS8
Description  Micropower Op Amp, Comparator and Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1541CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1541CS8 Datasheet HTML 4Page - Linear Technology LTC1541CS8 Datasheet HTML 5Page - Linear Technology LTC1541CS8 Datasheet HTML 6Page - Linear Technology LTC1541CS8 Datasheet HTML 7Page - Linear Technology LTC1541CS8 Datasheet HTML 8Page - Linear Technology LTC1541CS8 Datasheet HTML 9Page - Linear Technology LTC1541CS8 Datasheet HTML 10Page - Linear Technology LTC1541CS8 Datasheet HTML 11Page - Linear Technology LTC1541CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC1541/LTC1542
©LINEAR TECHNOLOGY CORPORATION 1998
15412f LT/TP 0798 4K • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
PART NUMBER
DESCRIPTION
COMMENTS
LT
®1078/LT1079
Dual/Quad Micropower, Single Supply Precision Op Amps
70
µV, VOS Max and 0.4µV/°C Drift, 200kHz GBW, 0.07V/µs
Slew Rate, Input/Output Common Mode Includes Ground
LT1178/LT1179
Dual/Quad 17
µA Max, Single Supply Precision Op Amps
70
µV, VOS Max and 2.5µV/°C Drift Max, 85kHz GBW, 0.04V/µs
Slew Rate, Input/Output Common Mode Includes Ground
LT1490/LT1491
Dual/Quad Micropower Rail-to-Rail Input and Output Op Amps Single Supply Input Range: – 0.4V to 44V, Micropower 50
µA
Amplifier, Rail-to-Rail Input and Output, 200kHz GBW
LT1635
Micropower Rail-to-Rail Op Amp and Reference
130
µA of Supply Current, 1.3mV VOS Max
LT2078/LT2079
Dual/Quad Micropower, Single Supply Precision Op Amps
SO-8 and 14-Lead Standard Pinout, 70
µV VOS Max, 200kHz GBW
LT2178/LT2179
Dual/Quad 17
µA Max, Single Supply Precision Op Amps
SO-8 and 14-Lead Standard Pinout, 70
µV VOS Max, 85kHz GBW
RELATED PARTS
TYPICAL APPLICATIO S
R1
220
Ω
0.25W
VCC
+
–
+
–
2
1
3
6
7
8
5
4
R1
1M
Q2
2N3906
Q1
FZT2907A
VIN
6V
300mA
SHUTDOWN
IC1
LTC1541
VSS
1541/42 TA07
R4
100k
1%
R3
3.83k
1%
R7
0.15
Ω
R5
2.2M
R8
249k
0.5%
300mA
4.2V FLOAT
Li-ION
C3
0.01
µF
C1
4700pF
D1
1N5817
C2
0.1
µF
R6
33k
R9
100k
0.5%
×1
Linear Lithium-Ion Charger
Voltage Control Oscillator
–
+
1
4
8
LTC1542
OP AMP
2
3
7
6
5
5V
0V
VOUT
VCC
VIN
0V – VCC
1541/42 TA03
–
+
R4
5M
1M
1M
R2
150k
R1
300k
R4
1.1M
VN2222
VN2222
C1
0.047
µF
R3
500k
FREQ
≈
VC
2.4C • R1 • VCC
VALUES SHOWN ARE FOR
100Hz WITH VIN = VCC
LTC1542
COMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com