Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1541CS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1541CS8
Description  Micropower Op Amp, Comparator and Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1541CS8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1541CS8 Datasheet HTML 2Page - Linear Technology LTC1541CS8 Datasheet HTML 3Page - Linear Technology LTC1541CS8 Datasheet HTML 4Page - Linear Technology LTC1541CS8 Datasheet HTML 5Page - Linear Technology LTC1541CS8 Datasheet HTML 6Page - Linear Technology LTC1541CS8 Datasheet HTML 7Page - Linear Technology LTC1541CS8 Datasheet HTML 8Page - Linear Technology LTC1541CS8 Datasheet HTML 9Page - Linear Technology LTC1541CS8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1541/LTC1542
TYPICAL PERFOR A CE CHARACTERISTICS
SUPPLY VOLTAGE (V)
23456789
10 11 12
1541/42 TPC01
10
9
8
7
6
5
4
3
2
1
0
NONINVERTING
VSS = GND
AMPIN+ = VCC /2
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
125
1541/42 TPC02
10
9
8
7
6
5
4
3
2
VCC = 5V
VSS = GND
AMPIN– = AMPOUT
AMPIN+ = 2.5V
LOAD CURRENT (
µA)
1.205
1.204
1.203
1.202
1.201
1.200
1.199
1.198
1.197
1.196
1.195
1
100
1000
10000
1541/42 TPC03
10
VCC = 5V
VSS = GND
SOURCING
CURRENT
SINKING
CURRENT
Supply Current vs Temperature
Reference Output Voltage vs
Load Current
Supply Current vs Supply Voltage
Op Amp Output Voltage vs
Load Current
LOAD CURRENT (
µA)
1
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1
1
100
1000
10000
1541/42 TPC06
10
VSUPPLY = ±1.5V
VSUPPLY = ±1.5V
VSUPPLY
=
±2.5V
VSUPPLY
=
±2.5V
SOURCING
CURRENT
SINKING
CURRENT
–50
–25
0
25
50
75
100
125
TEMPERATURE (
°C)
1x106
1x105
1x104
1x103
1x102
1x101
1541/42 TPC05
VCC = 5V
VSS = GND
RLOAD = 100kΩ
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
125
1541/42 TPC04
1.202
1.201
1.200
1.199
1.198
1.197
1.196
1.195
VCC = 5V
VSS = GND
Reference Output Voltage vs
Temperature
Op Amp DC Open-Loop Gain vs
Temperature
SUPPLY VOLTAGE (V)
23456789
10 11 12
1541/42 TPC07
10
8
6
4
2
0
–2
–4
–6
–8
–10
NONINVERTING
VSS = GND
AMPIN+ = VCC /2
SHORT TO VSS
SHORT TO VCC
23456789
10 11 12
SUPPLY VOLTAGE (V)
10,000
1000
100
10
1
0.1
1541/42 TPC08
RLOAD = 100kΩ
LOAD CURRENT (mA)
5
4
3
2
1
0
0.01
1
10
1000
1541/42 TPC09
0.1
100
VCC = 5V
VSS = GND
SOURCING
CURRENT
SINKING
CURRENT
Op Amp Short-Circuit Current vs
Supply Voltage
Op Amp DC Open-Loop Gain vs
Supply Voltage
Comparator Output Voltage vs
Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com