Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1541CS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1541CS8
Description  Micropower Op Amp, Comparator and Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1541CS8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1541CS8 Datasheet HTML 3Page - Linear Technology LTC1541CS8 Datasheet HTML 4Page - Linear Technology LTC1541CS8 Datasheet HTML 5Page - Linear Technology LTC1541CS8 Datasheet HTML 6Page - Linear Technology LTC1541CS8 Datasheet HTML 7Page - Linear Technology LTC1541CS8 Datasheet HTML 8Page - Linear Technology LTC1541CS8 Datasheet HTML 9Page - Linear Technology LTC1541CS8 Datasheet HTML 10Page - Linear Technology LTC1541CS8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1541/LTC1542
TYPICAL PERFOR A CE CHARACTERISTICS
Comparator Short-Circuit Current
vs Supply Voltage
Op Amp Small-Signal Transient
Response
SUPPLY VOLTAGE (V)
23456789
10 11 12
1541/42 TPC10
250
200
150
100
50
0
–50
–100
–150
–200
–250
SHORT TO VSS
SHORT TO VCC
NONINVERTING
1541/42 TPC11
AVCL = 1V/V
LOAD = 100k
Ω//100pF TO VSS
VSUPPLY = 5V
INPUT
200mV/DIV
OUTPUT
100mV/DIV
Op Amp Large-Signal Transient
Response
Op Amp Open-Loop Gain and
Phase vs Frequency
FREQUENCY (Hz)
120
100
80
60
40
20
0
–20
–40
0
–45
–90
–135
–180
–225
–270
–315
–360
10
1k
10k
1M
1541/42 TPC13
100
100k
VCC = 5V
VSS = GND
RLOAD = 100kΩ
PHASE
GAIN
NONINVERTING
1541/42 TPC11
AVCL = 1V/V
LOAD = 100k
Ω//100pF TO VSS
VSUPPLY = 5V
INPUT
2V/DIV
OUTPUT
1V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com