Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1550LIGN Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1550LIGN
Description  Low Noise, Switched Capacitor Regulated Voltage Inverters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1550LIGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1550LIGN Datasheet HTML 4Page - Linear Technology LTC1550LIGN Datasheet HTML 5Page - Linear Technology LTC1550LIGN Datasheet HTML 6Page - Linear Technology LTC1550LIGN Datasheet HTML 7Page - Linear Technology LTC1550LIGN Datasheet HTML 8Page - Linear Technology LTC1550LIGN Datasheet HTML 9Page - Linear Technology LTC1550LIGN Datasheet HTML 10Page - Linear Technology LTC1550LIGN Datasheet HTML 11Page - Linear Technology LTC1550LIGN Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC1550L/LTC1551L
APPLICATIONS INFORMATION
Figure 7. Output Ripple vs Input Bypass Capacitance
INPUT CAPACITANCE (
µF)
0.1
8
7
6
5
4
3
2
1
0
1
10
100
1550L/51L F08
VCC = 5V
TA = 25°C
COUT = 10µF
Output Ripple vs Input Bypass Capacitor
The input bypass capacitor (CIN) can also have a fairly
significant impact on the output ripple. CIN provides most
of the LTC1550L/LTC1551L’s supply current while it is
charging the flying capacitor (C1). Inadequate input
bypassing can cause the VCC supply to dip when the
charge pump switches, causing the output linear regulator
to momentarily stop regulating. CIN should be mounted as
close to the LTC1550L/LTC1551L VCC and GND pins as
possible and its value should be significantly larger than
C1. Surface mount tantalum or ceramic capacitors with
low ESR generally provide adequate performance. Figure 7
shows the LTC1550L/LTC1551L peak-to-peak output ripple
vs CIN, taken using the test circuit in Figure 3 with ILOAD set
at 5mA. COUT is a 10µF in parallel with a 0.1µF ceramic
capacitor.
A 2.2
µF surface mount ceramic capacitor at VCC generally
provides adequate output ripple performance for most
applications.
1
2
4.5V
≤ VCC ≤ 5.25V
8
7
REG
CPOUT
SHDN
VCC
C1+
VOUT
LTC1550L-4.1
– 4.1V BIAS
GND
C1–
COUT
10
µF
1550L/51L TA02
CCP
0.1
µF
GaAs
TRANSMITTER
C1
0.1
µF
CIN
2.2
µF
3
4
6
5
CL
0.1
µF
+
– 4.1V Output GaAs FET Bias Generator
TYPICAL APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com