Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1550LIGN Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1550LIGN
Description  Low Noise, Switched Capacitor Regulated Voltage Inverters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1550LIGN Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1550LIGN Datasheet HTML 3Page - Linear Technology LTC1550LIGN Datasheet HTML 4Page - Linear Technology LTC1550LIGN Datasheet HTML 5Page - Linear Technology LTC1550LIGN Datasheet HTML 6Page - Linear Technology LTC1550LIGN Datasheet HTML 7Page - Linear Technology LTC1550LIGN Datasheet HTML 8Page - Linear Technology LTC1550LIGN Datasheet HTML 9Page - Linear Technology LTC1550LIGN Datasheet HTML 10Page - Linear Technology LTC1550LIGN Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1550L/LTC1551L
BLOCK DIAGRAM
–
+
–
+
S2
S3
S1
S4
CCP
VCC
CPOUT
C1+
C1–
C1
CLK
900kHz
CHARGE
PUMP
LINEAR
REGULATOR
1550L/51L BD
VOUT
ADJ
REG
COUT
58mV
1.167V
*SHDN
*SHDN FOR LTC1550L, SHDN FOR LTC1551L
** FIXED OUTPUT VERSIONS ONLY
COMP2
**
**
+
1.225V
APPLICATIONS INFORMATION
OVERVIEW
The LTC1550L/LTC1551L are switched capacitor, inverting
charge pumps with internal linear post-regulators. The
LTC1550L/LTC1551L provide a regulated, low ripple output
at up to 20mA load current with the appropriate input
voltage as output load current depends on the input/
output voltage combination. Consult the graph provided in
the Typical Performance Characteristics section and the
Electrical Characteristics table for guaranteed test points.
The LTC1550L/LTC1551L are ideal for use as bias voltage
generators for GaAs transmitter FETs in portable RF and
cellular telephone applications. The LTC1550L features an
active-low Shutdown pin (SHDN) that drops quiescent
current to below 1
µA. The LTC1551L is identical to the
LTC1550L, except that the Shutdown pin is active-high
(SHDN). All members of the LTC1550L/LTC1551L family
feature a 900kHz charge pump frequency. The LTC1550L/
LTC1551L come standard with fixed – 4.1V, –2.5V, –2V
and adjustable output voltages. The LTC1550L/LTC1551L
can be configured for other fixed output voltages; contact
Linear Technology for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com