Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1550LIGN Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1550LIGN
Description  Low Noise, Switched Capacitor Regulated Voltage Inverters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1550LIGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1550LIGN Datasheet HTML 4Page - Linear Technology LTC1550LIGN Datasheet HTML 5Page - Linear Technology LTC1550LIGN Datasheet HTML 6Page - Linear Technology LTC1550LIGN Datasheet HTML 7Page - Linear Technology LTC1550LIGN Datasheet HTML 8Page - Linear Technology LTC1550LIGN Datasheet HTML 9Page - Linear Technology LTC1550LIGN Datasheet HTML 10Page - Linear Technology LTC1550LIGN Datasheet HTML 11Page - Linear Technology LTC1550LIGN Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC1550L/LTC1551L
15501lf LT/TP 0300 4K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1996
TYPICAL APPLICATION
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT
®1054
Switched-Capacitor Voltage Converter with Regulator
100mA Switched-Capacitor Converter
LTC1261
Switched-Capacitor Regulated Voltage Inverter
Selectable Fixed Output Voltages
LTC1261L
Switched-Capacitor Regulated Voltage Inverter
Adjustable and Fixed Output Voltages, Up to 20mA IOUT, MSOP
LTC1429
Clock-Synchronized Switched-Capacitor Voltage Inverter
Synchronizable Up to 2MHz System Clock
LTC1514/LTC1515
Step-Up/Step-Down Switched-Capacitor DC/DC Converters
VIN 2V to 10V, Adjustable or Fixed VOUT, IOUT to 50mA
LTC1516
Micropower Regulated 5V Charge Pump DC/DC Converter
IOUT = 20mA (VIN ≥ 2V), IOUT = 50mA (VIN ≥ 3V)
LTC1522
Micropower Regulated 5V Charge Pump DC/DC Converter
IOUT = 10mA (VIN ≥ 2.7V), IOUT = 20mA (VIN ≥ 3V)
LTC1550/LTC1551
Low Noise, Switched-Capacitor Regulated Voltage Inverters
900kHz Charge Pump, 1mVP-P Ripple
LTC1555/LTC1556
SIM Power Supply and Level Translator
Step-Up/Step-Down SIM Power Supply and Level Translators
LT1611
1.4MHz Inverting Mode Switching Regulator
– 5V at 150mA from a 5V Input, 5-Lead SOT-23
LT1614
Inverting 600kHz Switching Regulator with Low-Battery Detector
– 5V at 200mA from a 5V Input, MSOP
LTC1754-5
Micropower, Regulated 5V Charge Pump with Shutdown in SOT-23 ICC = 13µA, IOUT = 50mA (VIN ≥ 3V), IOUT = 25mA (VIN ≥ 2.7V)
Dimensions in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTION
1
2
2.7V
≤ VCC ≤ 5.25V
8
7
REG
CPOUT
SHDN
VCC
C1+
VOUT
LTC1550L-2
–2V
GND
C1–
COUT
10
µF
1550L/51L TA03
CCP
0.1
µF
GaAs
TRANSMITTER
C1
0.1
µF
CIN
2.2
µF
3
4
6
5
CL
0.1
µF
+
10k
REG
1mVP-P Ripple, – 2V Output GaAs FET Bias Generator
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
S8 Package
8-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
0.016 – 0.050
(0.406 – 1.270)
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
°– 8° TYP
0.008 – 0.010
(0.203 – 0.254)
SO8 1298
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
TYP
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
BSC
1
2
3
4
0.150 – 0.157**
(3.810 – 3.988)
8
7
6
5
0.189 – 0.197*
(4.801 – 5.004)
0.228 – 0.244
(5.791 – 6.197)
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com